Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCH420V-R6 Datasheet(PDF) 5 Page - Amphenol Wilcoxon Sensing Technologies.

Part # PCH420V-R6
Description  Amphenol (Maryland) PCH Sensor Revision 1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

PCH420V-R6 Datasheet(HTML) 5 Page - Amphenol Wilcoxon Sensing Technologies.

  PCH420V-R6 Datasheet HTML 1Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 2Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 3Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 4Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 5Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 6Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 7Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 8Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 9Page - Amphenol Wilcoxon Sensing Technologies. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Page: 5/14
Amphenol (MD), Inc., Proprietary Information
Export Controlled Technical Data as specified on cover page
6. Dynamic Variables
Four Dynamic Variables are implemented
Meaning
Units
PV
Band1, velocity
in/s[114], m/s[21], mm/s[240]
Fixed to DV0
Fixed to analog output
SV
Band2, velocity
in/s[114], m/s[21], mm/s[240]
Fixed to DV1
TV
Band3, velocity
in/s[114], m/s[21], mm/s[240]
Fixed to DV2
QV
Internal Electronic Temperature
degC[32], degF[33],K[35], R[34]
Fixed to DV3
7. Status Information
7.1.
Bit 4 (”More Status Available) is set for the following conditions
7.1.1. NV memory SPI communication error
7.1.2. NV memory CRC error
7.1.3. Signal processing compute time flag
–Device status bit D7, device malfunction
7.1.4. DAC SPI communication error
–Device status bit D7, device malfunction
7.1.5. DAC fault input indicate error
–Device status bit D7, device malfunction
7.1.6. DAC fault register indicate error
–Device status bit D7, device malfunction
7.2. Additional Device Status (command #48)
7.2.1. Hardware Failure Memory defect SPI error
– Standard Status0 Register 8, bit 1
7.2.2. Hardware Failure Memory defect CRC error
- Standard Status 0 Register 8,bit 1
7.2.3. AD5421 SPI Fault
-Standard Status 0, Register8, bit 6
-Device Specific Status1; Register1, bit7
7.2.4. AD5421 PEC fault
-Standard Status 0, Register8, bit 7
-Device Specific Status1; Register1, bit7
7.2.5. AD5421 loop, current over fault
-Standard Status 0, Register8, bit 7
-Device Specific Status1; Register1, bit5
7.2.6. AD5421 loop, current under fault
-Standard Status 0, Register8, bit 7
-Device Specific Status1; Register1, bit
7.2.7. AD5421 Temperature fault
-Standard Status 0, Register8, bit 7
-Device Specific Status1; Register1, bit3
7.2.8. DAC SPI Fault
-Standard Status 0, Register8, bit 7
-Device Specific Status1; Register1, bit2
7.2.9. AD5421 loop under 6V fault
-Standard Status 0, Register8, bit 1
7.2.10. DAC_FaultPin
-Standard Status 0, Register8, bit 0
7.2.11. HF_Fatal_Error
-Device Specific Status 0, Register0, 0xAA
7.2.12. SF_DSP_TIMEOUT_COUNT
-Device Specific Status 1, Register2
7.2.13. SF_Not_Calibrated
-Device Specific Status 0, Register0, 0x55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com