Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCH420V-R6 Datasheet(PDF) 13 Page - Amphenol Wilcoxon Sensing Technologies.

Part # PCH420V-R6
Description  Amphenol (Maryland) PCH Sensor Revision 1
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILCOXON [Amphenol Wilcoxon Sensing Technologies.]
Direct Link  https://wilcoxon.com/
Logo WILCOXON - Amphenol Wilcoxon Sensing Technologies.

PCH420V-R6 Datasheet(HTML) 13 Page - Amphenol Wilcoxon Sensing Technologies.

Back Button PCH420V-R6 Datasheet HTML 6Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 7Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 8Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 9Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 10Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 11Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 12Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 13Page - Amphenol Wilcoxon Sensing Technologies. PCH420V-R6 Datasheet HTML 14Page - Amphenol Wilcoxon Sensing Technologies.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Page: 13/14
Amphenol (MD), Inc., Proprietary Information
Export Controlled Technical Data as specified on cover page
ANNEX B. DEFAULT CONFIGURATION
All Modes
Damping = 1 second
Alarm code = High Alarm
QV = degree C [32]
PV (DV0), SV (DV1), TV (DV2)
Lower Frequency Limit = 2 Hz
Upper Frequency Limit = 1500 Hz
Filter Type= 2
PV (DV0)
PV lower range = calibrated at the factory
Detector Type= 1
Filter Detect Time= 0.75
SV (DV1), TV (DV2)
Detector Type= 0
Filter Detect Time= 1
Velocity
Device Variable code = inch per second [114]
PV upper range 20mA = 1g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com