Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A708 Datasheet(PDF) 5 Page - ADDtek Corp

Part # A708
Description  3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

A708 Datasheet(HTML) 5 Page - ADDtek Corp

  A708 Datasheet HTML 1Page - ADDtek Corp A708 Datasheet HTML 2Page - ADDtek Corp A708 Datasheet HTML 3Page - ADDtek Corp A708 Datasheet HTML 4Page - ADDtek Corp A708 Datasheet HTML 5Page - ADDtek Corp A708 Datasheet HTML 6Page - ADDtek Corp A708 Datasheet HTML 7Page - ADDtek Corp A708 Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
A708
Copyright
© 2007 ADDtek Corp.
5
DD076_A
--
AUGUST 2007
APPLICATION INFORMATION
Enable
Pulling the EN pin to high will enable the device sinking constant current on LED pins. Pulling the EN pin to
ground will shutdown the device. This pin should not be left floating and need to be terminated.
LED Number in the String Driven by Each Channel
The breakdown voltage of LEDn pin is 17V so that each channel can drive up to 9 pcs of LEDs in series. When
the chip is disabled, the forward voltage of the LED may drop to half of the rated value because of the extremely small
leakage current.
LED Brightness Control
The LED sink current was fixed at 20mA. Apply PWM signal to EN pin and control the duty that could control
the LED brightness from 0% to maximum.
Enable
A708
EN
LED2
VDD
GND
LED1
LED3
VDD
VIN
CIN
CBP
Efficiency
The ACR (Advanced Current Regulator) architecture offers ultra low output dropout that significantly improves
the efficiency compared to Inductive Boost type or Capacitor Charge Pump type LED driver. The system efficiency,
defined as the ratio between the LEDs power and the input supplied power, is:
Efficiency = (VF1 × ILED1 + VF2 × ILED2 + VF3 × ILED3 ) / ( VDD × IDD )
Where, VF is the forward voltage of LED.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com