Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A708 Datasheet(PDF) 4 Page - ADDtek Corp

Part # A708
Description  3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

A708 Datasheet(HTML) 4 Page - ADDtek Corp

  A708 Datasheet HTML 1Page - ADDtek Corp A708 Datasheet HTML 2Page - ADDtek Corp A708 Datasheet HTML 3Page - ADDtek Corp A708 Datasheet HTML 4Page - ADDtek Corp A708 Datasheet HTML 5Page - ADDtek Corp A708 Datasheet HTML 6Page - ADDtek Corp A708 Datasheet HTML 7Page - ADDtek Corp A708 Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A708
Copyright
© 2007 ADDtek Corp.
4
DD076_A
--
AUGUST 2007
CHARACTERISTIC CURVES
Output Current vs. Supply Voltage
19.00
19.50
20.00
20.50
21.00
0.0
5.0
10.0
15.0
Supply Voltage (V)
V
EN=3.3V
V
DROP=0.2V
T
A=25℃
Output Current vs. Temperature
19.0
19.5
20.0
20.5
21.0
-50
0
50
100
150
Temperature (℃)
V
DD=3.7V
V
EN=3.3V
V
DROP=0.2V
Output Current vs. Dropout Voltage
0.00
5.00
10.00
15.00
20.00
25.00
10
100
1,000
10,000
Dropout Voltage (mV)
V
DD=3.7V
V
EN=3.3V
T
A=25℃
Max. Allowable VDrop vs. Ambient Temp.
0
2
4
6
8
10
10
30
50
70
90
110
Ambient Temperature (°C)
V
DD=3.7V
V
EN=3.3V
T
J,MAX=125℃
I
LED,Total=60mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com