Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A708 Datasheet(PDF) 2 Page - ADDtek Corp

Part # A708
Description  3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

A708 Datasheet(HTML) 2 Page - ADDtek Corp

  A708 Datasheet HTML 1Page - ADDtek Corp A708 Datasheet HTML 2Page - ADDtek Corp A708 Datasheet HTML 3Page - ADDtek Corp A708 Datasheet HTML 4Page - ADDtek Corp A708 Datasheet HTML 5Page - ADDtek Corp A708 Datasheet HTML 6Page - ADDtek Corp A708 Datasheet HTML 7Page - ADDtek Corp A708 Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A708
Copyright
© 2007 ADDtek Corp.
2
DD076_A
--
AUGUST 2007
ABSOLUTE MAXIMUM RATINGS
(Note)
Input Voltage, VDD
-0.3V to 13.2V
Output Sustaining Voltage, VLEDn
-0.3V to 17V
Voltage at all other pins
-0.3V to 12V
Maximum Junction Temperature, TJ
150
OC
Storage Temperature Range
-40
OC to 150°C
Lead Temperature (soldering, 10 seconds)
260
OC
Note:
Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
POWER DISSIPATION TABLE
Package
θ
JA
(°C / W )
Derating factor ( mW/°C )
TA≧25
OC
TA≦25°C
Power rating (mW)
TA=70 °C
Power rating (mW)
TA= 85°C
Power rating (mW)
Y
220
4.5
568
363
295
Note :
Junction Temperature Calculation:
T
J = T
A + (PD x θJA).
P
D: Power Dissipation, T
A: Ambient temperature, θJA: Thermal Resistance-Junction to Ambient
The
θ
JA numbers are guidelines for the thermal performance of the device/PC-board system.
All of the above assume no ambient airflow.
BLOCK DIAGRAM
VDDI
EN
VDD
GND
LED1
Driving
Stage
LED2
Driving
Stage
LED3
Driving
Stage
Control
Logic
A708
Reference
Current



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com