Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A708 Datasheet(PDF) 1 Page - ADDtek Corp

Part # A708
Description  3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

A708 Datasheet(HTML) 1 Page - ADDtek Corp

  A708 Datasheet HTML 1Page - ADDtek Corp A708 Datasheet HTML 2Page - ADDtek Corp A708 Datasheet HTML 3Page - ADDtek Corp A708 Datasheet HTML 4Page - ADDtek Corp A708 Datasheet HTML 5Page - ADDtek Corp A708 Datasheet HTML 6Page - ADDtek Corp A708 Datasheet HTML 7Page - ADDtek Corp A708 Datasheet HTML 8Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.addmtek.com
Copyright
© 2007 ADDtek Corp.
1
DD076_A
--
AUGUST 2007
A708
3 CHANNELS 20mA
ADVANCED CURRENT REGULATOR
DESCRIPTION
FEATURES
The A708 is a 3 channels 20mA advanced current
regulator for driving LEDs. Only bypass capacitor is
required and the noise is very low. The special circuit
design provides over 90% efficiency because of the very
low dropout voltage.
Target end applications are LED backlights for color
LCD display, such as mobile phone, smart phone, PDA,
notebook, and monitor, etc.
Fixed 20mA DC constant sink current.
Individual current sink circuit for each LED
string to prevent short / open circuit on LEDs.
TSOT-26 package available.
High efficiency.
Supply voltage range 2.7V ~ 12V.
Output sustaining voltage up to 17V.
0.1uA standby current.
2KV HBM ESD protection.
Advanced Bi-CMOS process.
TYPICAL APPLICATION CIRCUIT
APPLICATIONS
Small Size Color LCD Backlights.
Mobile Phone, Smart Phone.
LED Backlight for Portable DVD, NB, Monitors,
and UMPC.
PACKAGE PIN OUT
Enable
A708
EN
LED2
VDD
GND
LED1
LED3
VDD
VLED+
CIN
CBP
A708
TSOT-26
LED1
VDD
GND
LED3
1
2
3
4
6
LED2
5
EN
ORDER INFORMATION
Plastic TSOT-26
TA (°C)
Y
6-pin
-40 ~ 85
A708YFT
Note: The letter ”F” is marked for Lead Free process, and letter “T” is marked for Tape & Reel.


Similar Part No. - A708

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A70 MACOM-A70 Datasheet
108Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
A70 MACOM-A70 Datasheet
369Kb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70 MA-COM-A70 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
Dialight Corporation
A70-000627 DIALIGHT-A70-000627 Datasheet
115Kb / 1P
RECESSED CEILING MOUNT -- WPA MAIN BODY
A70-000627-BK DIALIGHT-A70-000627-BK Datasheet
115Kb / 1P
RECESSED CEILING MOUNT -- WPA MAIN BODY
More results

Similar Description - A708

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
A705 ADDTEK-A705 Datasheet
164Kb / 7P
200mA ~ 300mA ADVANCED CURRENT REGULATOR
AUGUST 2007
AMC7135 ADDTEK-AMC7135 Datasheet
249Kb / 6P
350mA ADVANCED CURRENT REGULATOR
APRIL 2007
logo
Richtek Technology Corp...
RT9645 RICHTEK-RT9645 Datasheet
389Kb / 13P
5 Channels ACPI Regulator
logo
Linear Technology
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
3關A IQ, 20mA, 45V Low Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE9135 SEAWARD-SE9135 Datasheet
186Kb / 4P
350mA Advanced Current Regulator
logo
Micro Commercial Compon...
CLD20B MCC-CLD20B Datasheet
656Kb / 4P
20mA Current Limiting Diode
logo
Linear Technology
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
4-20mA Current Loop Isolator
logo
Micro Commercial Compon...
CLD20B MCC-CLD20B_16 Datasheet
321Kb / 4P
20mA Current Limiting Diode
CLD20 MCC-CLD20 Datasheet
233Kb / 4P
20mA Current Limiting Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com