Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7635 Datasheet(PDF) 7 Page - ADDtek Corp

Part # AMC7635
Description  300mA CMOS LOW DROPOUT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7635 Datasheet(HTML) 7 Page - ADDtek Corp

  AMC7635 Datasheet HTML 1Page - ADDtek Corp AMC7635 Datasheet HTML 2Page - ADDtek Corp AMC7635 Datasheet HTML 3Page - ADDtek Corp AMC7635 Datasheet HTML 4Page - ADDtek Corp AMC7635 Datasheet HTML 5Page - ADDtek Corp AMC7635 Datasheet HTML 6Page - ADDtek Corp AMC7635 Datasheet HTML 7Page - ADDtek Corp AMC7635 Datasheet HTML 8Page - ADDtek Corp AMC7635 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
AMC7635
Copyright
© 2007 ADDtek Corp.
7
DD078_A
-- SEPTEMBER 2007
APPLICATION INFORMATION
AMC7635
GND
COUT
VIN
VOUT
CIN
1uF
2.2uF
GND
VOUT
VIN
BP
EN
CBP
1000pF
Detailed Description
The AMC7635 CMOS low dropout regulator contains a PMOS pass transistor, a voltage reference, an error
amplifier, over-current protection, and thermal shutdown circuit.
The P-channel pass transistor receives data from the error amplifier, over-current shutdown, and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision
reference. T hermal shutdown and over-current circuits become active when the junction temperature exceeds
150℃, or the current exceeds 300mA. During thermal shutdown, the output voltage remains low. Normal operation
is restored when the junction temperature drops below 120℃.
External Capacitors
The AMC7635 is stable with an output capacitor to ground of 2.2
µF or greater. Ceramic capacitors have the
lowest ESR, and will offer the best AC performance. Conversely, Aluminum Electrolytic capacitors exhibit the
highest ESR, resulting in the poorest AC response. Unfortunately, large value ceramic capacitors are comparatively
expensive. One option is to parallel a 0.1
µF ceramic capacitor with a 10µF Aluminum Electrolytic. The benefit is
low ESR, high capacitance, and low over-all cost.
A second capacitor is recommended between the input and ground to stabilize VIN. The input capacitor should be
at least 0.1
µF to have a beneficial effect.
A third capacitor can be connected between the BP pin and GND. This capacitor can be a low cost Polyester
Film variety between the value of 0.001 ~ 0.01
µF. A larger capacitor improves the AC ripple rejection, but also
makes the output come up slowly. This "Soft" turn-on is desirable in some applications to limit turn-on surges.
All capacitors should be placed in close proximity to the pins. A "Quiet" ground termination is desirable. This
can be achieved with a "Star" connection.
EN
The EN pin is normally pulled to high. When shutdown, pulled low, the PMOS pass transistor shuts off, and
all internal circuits are powered down. In this state, the quiescent current is less than 1
µA. This pin behaves much
like an electronic switch.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com