Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7635 Datasheet(PDF) 8 Page - ADDtek Corp

Part # AMC7635
Description  300mA CMOS LOW DROPOUT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7635 Datasheet(HTML) 8 Page - ADDtek Corp

  AMC7635 Datasheet HTML 1Page - ADDtek Corp AMC7635 Datasheet HTML 2Page - ADDtek Corp AMC7635 Datasheet HTML 3Page - ADDtek Corp AMC7635 Datasheet HTML 4Page - ADDtek Corp AMC7635 Datasheet HTML 5Page - ADDtek Corp AMC7635 Datasheet HTML 6Page - ADDtek Corp AMC7635 Datasheet HTML 7Page - ADDtek Corp AMC7635 Datasheet HTML 8Page - ADDtek Corp AMC7635 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
AMC7635
Copyright
© 2007 ADDtek Corp.
8
DD078_A
-- SEPTEMBER 2007
PACKAGE
5-Pin SOT-23-5
INCHES
MILLIMETERS
MIN
TYP
MAX
MIN
TYP
MAX
A
-
-
0.057
-
-
1.45
A1
-
-
0.006
-
-
0.15
A2
0.035
0.045
0.051
0.90
1.15
1.30
b
0.012
-
0.020
0.30
-
0.50
c
0.003
-
0.009
0.08
-
0.22
D
0.114 BSC
2.90 BSC
E
0.110 BSC
2.80 BSC
E1
0.063 BSC
1.60 BSC
e
0.037 BSC
0.95 BSC
e1
0.075 BSC
1.90 BSC
L
0.012
0.018
0.024
0.30
0.45
0.60
L1
0.024 REF
0.60 REF
L2
0.010 BSC
0.25 BSC
°M
5°
10°
15°
5°
10°
15°
L
L1
L2
A2
A
A1
M
E1
E
e
e1
D
b
c
M
GAUGE PLANE
SEATING PLANE



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com