Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7635 Datasheet(PDF) 1 Page - ADDtek Corp

Part # AMC7635
Description  300mA CMOS LOW DROPOUT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7635 Datasheet(HTML) 1 Page - ADDtek Corp

  AMC7635 Datasheet HTML 1Page - ADDtek Corp AMC7635 Datasheet HTML 2Page - ADDtek Corp AMC7635 Datasheet HTML 3Page - ADDtek Corp AMC7635 Datasheet HTML 4Page - ADDtek Corp AMC7635 Datasheet HTML 5Page - ADDtek Corp AMC7635 Datasheet HTML 6Page - ADDtek Corp AMC7635 Datasheet HTML 7Page - ADDtek Corp AMC7635 Datasheet HTML 8Page - ADDtek Corp AMC7635 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.addmtek.com
Copyright
© 2007 ADDtek Corp.
1
DD078_A
-- SEPTEMBER 2007
AMC7635
300mA CMOS
LOW DROPOUT REGULATOR
DESCRIPTION
FEATURES
The AMC7635 of positive, linear regulator features low
noise and low dropout voltage, making it ideal for battery
applications. The space-saving SOT-23-5 package is attractive
for "Pocket" and "Hand Held" applications.
In applications requiring a low noise, regulated supply,
place a 1000pF capacitor between Bypass and Ground.
The AMC7635 is stable with an output capacitance of
2.2µF or greater.
Guaranteed 300mA Output
Accurate to within 1.5%
Very Low Dropout Voltage
Over-Temperature Shutdown
Power-Saving Shutdown Mode
Current Limiting
Noise Reduction Bypass Capacitor
Factory Pre-set Output Voltages
Low Temperature Coefficient
Available in SOT-23-5 packages
TYPICAL APPLICATION CIRCUIT
APPLICATIONS
AMC7635
GND
COUT
VIN
VOUT
CIN
1uF
2.2uF
GND
VOUT
VIN
BP
EN
CBP
1000pF
Wireless Devices
Portable Electronics
Cordless Phones
PC Peripherals
Battery Powered Widgets
Electronic Scales
Instrumentation
VOLTAGE OPTIONS
PACKAGE PIN OUT
AMC7635-1.5
– 1.5V Fixed
AMC7635-1.8
– 1.8V Fixed
AMC7635-2.0
– 2.0V Fixed
AMC7635-2.5
– 2.5V Fixed
AMC7635-2.8
– 2.8V Fixed
AMC7635-3.0
– 3.0V Fixed
AMC7635-3.1
– 3.1V Fixed
AMC7635-3.3
– 3.3V Fixed
AMC7635
– Adjustable Output
1
2
3
4
5
VIN
GND
EN
VOUT
BP
5-Pin Plastic SOT-23-5
Surface Mount
(Top View)
ORDER INFORMATION
Plastic SOT-23-5
TA (
°
C )
DB
5-pin
0 to 70
AMC7635-X.XDBFT (Lead Free)
Note: 1. All surface-mount packages are available in Tape & Reel. Append the letter “T” to part number (i.e. AMC7635-X.XDBT).
Note: 2. The letter “F” is marked for Lead Free process.


Similar Part No. - AMC7635

ManufacturerPart #DatasheetDescription
logo
ADDtek Corp
AMC7637 ADDTEK-AMC7637 Datasheet
162Kb / 7P
ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
AMC7637-1.5 ADDTEK-AMC7637-1.5 Datasheet
162Kb / 7P
ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
AMC7637-1.8 ADDTEK-AMC7637-1.8 Datasheet
162Kb / 7P
ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
AMC7637-2.5 ADDTEK-AMC7637-2.5 Datasheet
162Kb / 7P
ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
AMC7637-3.0 ADDTEK-AMC7637-3.0 Datasheet
162Kb / 7P
ULTRA LOW IQ 300mA LOW DROPOUT REGULATOR
JUNE 2007
More results

Similar Description - AMC7635

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
Micropower, 300mA Low Dropout CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
300mA CMOS Low Dropout Voltage Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
Low Dropout 300mA CMOS Regulator
logo
Leshan Radio Company
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
Low Dropout Voltage 300mA CMOS LDO Regulator
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
Low Dropout 300mA CMOS Regulator
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
300mA Low Dropout CMOS Positive Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
300mA low dropout CMOS voltage regulator
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
300mA low dropout CMOS voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com