Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7635 Datasheet(PDF) 4 Page - ADDtek Corp

Part # AMC7635
Description  300mA CMOS LOW DROPOUT REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp

AMC7635 Datasheet(HTML) 4 Page - ADDtek Corp

  AMC7635 Datasheet HTML 1Page - ADDtek Corp AMC7635 Datasheet HTML 2Page - ADDtek Corp AMC7635 Datasheet HTML 3Page - ADDtek Corp AMC7635 Datasheet HTML 4Page - ADDtek Corp AMC7635 Datasheet HTML 5Page - ADDtek Corp AMC7635 Datasheet HTML 6Page - ADDtek Corp AMC7635 Datasheet HTML 7Page - ADDtek Corp AMC7635 Datasheet HTML 8Page - ADDtek Corp AMC7635 Datasheet HTML 9Page - ADDtek Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AMC7635
Copyright
© 2007 ADDtek Corp.
4
DD078_A
-- SEPTEMBER 2007
CHARACTERIZATION CURVES
Unless otherwise specified, VIN = 5V, CIN = 1µF, CBP = 0.01uF, COUT = 2.2µF, TA = 25
OC.
TIME= 1 ms/DIV
Chip Enable Transient Response
VIN=5V, CIN=1uF, COUT=2.2uF, CBP=1000pF
RLOAD=10Ω
AMC7635-3.3
TIME= 1 ms/DIV
Chip Enable Transient Response
VIN=5V, CIN=1uF, COUT=2.2uF, CBYP=Open
RLOAD=10Ω
AMC7635-3.3
TIME= 20 ms/DIV
Short Circuit Response
VIN=5V, CIN=1uF, COUT=2.2uF,CBP=0.01uF
RLoad =100Ω
RShort =0.1Ω
TIME= 400 ms/DIV
Over Temperature Shutdown
VIN=5V, CIN=1uF, COUT=2.2uF,CBYP=0.01uF
RLoad =6.6Ω
AMC7635-3.3
TIME= 10 ms/DIV
Load Step (1mA~300mA)
VIN=5V, CIN=2.2uF, COUT=2.2uF, CBYP=0.01uF
IO= 1mA ~ 300mA
AMC7635-3.3
TIME= 2 ms/DIV
Line Transient Response
VIN,AVE=5V, CIN=2.2uF, COUT=2.2uF, CBYP=0.01uF
AMC7635-3.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com