Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLP75-3003G Datasheet(PDF) 3 Page - Power-One

Part # PLP75-3003G
Description  AC-DC power supplies suited for telecom
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PLP75-3003G Datasheet(HTML) 3 Page - Power-One

  PLP75-3003G Datasheet HTML 1Page - Power-One PLP75-3003G Datasheet HTML 2Page - Power-One PLP75-3003G Datasheet HTML 3Page - Power-One PLP75-3003G Datasheet HTML 4Page - Power-One PLP75-3003G Datasheet HTML 5Page - Power-One PLP75-3003G Datasheet HTML 6Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DEC 04, 2006 revised to JAN 30, 2007
Page 3 of 6
www.power-one.com
PLP75 AC-DC Series Data Sheet
75 Watts
Output Specifications
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
Output power
With convection cooling
With 5 CFM forced-air cooling
1
Watts
Output DC voltages
Vo1 is adjustable ±10% of nominal.
Vo2 is adjustable ±10% of nominal on PLP75-
3300G.
Vo3 is not adjustable.
1
VDC
Output DC current
1
A
Minimum load
No damage occurs to the power supply when
operating at zero load.
1
A
Output ripple & noise
1
mV
pk-pk
CM noise
50
mV
pk-pk
Overshoot
Vo1 overshoot at turn-on
3
%
Load transient
Vo1 deviation due to a 50 to 100%
load change at a rate of 1A/µs
±3
%
Turn-On & Turn-Off
characteristics
Outputs turn ON monotonically.
Turn-on time from AC
ON
Time required for output within regulation after
initial application of AC input.
0.2
1.5
Sec
Turn-on Delay
Tme required for output voltage to rise from
10% to 90%.
0.2
20
ms
Hold-up Time
Time Vo1 is required to stay within 95%
regulation after removal of AC measure from
the last peak of the AC line at 115 VAC.
20
ms
Remote Sense
Not available.
Control loop stability
Phase margin.
45
Degrees
Gain margin.
10
dB
1
See Model Selection tables.
Fault Protection
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
Current Limit set point
Overload protected - power limit.
145
% of
peak
rating
Short-circuit protection
Provided on all outputs.
OVP Trip
Vo1, Vo2
115
125
135
% of set
point



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com