Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLP75-3003G Datasheet(PDF) 4 Page - Power-One

Part # PLP75-3003G
Description  AC-DC power supplies suited for telecom
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PLP75-3003G Datasheet(HTML) 4 Page - Power-One

  PLP75-3003G Datasheet HTML 1Page - Power-One PLP75-3003G Datasheet HTML 2Page - Power-One PLP75-3003G Datasheet HTML 3Page - Power-One PLP75-3003G Datasheet HTML 4Page - Power-One PLP75-3003G Datasheet HTML 5Page - Power-One PLP75-3003G Datasheet HTML 6Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DEC 04, 2006 revised to JAN 30, 2007
Page 4 of 6
www.power-one.com
PLP75 AC-DC Series Data Sheet
75 Watts
Isolation Requirements
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
Input-to-Chassis
2121
VDC
Input-to-Output
4242
VDC
Output-to-Chassis
500
VDC
Output-to-Output
1
1
All outputs share the same common.
EMC Immunity
Parameter
Conditions/Description
ESD
EN 61000-4-2
Level 4.
RF Susceptibility
EN 61000-4-3
Level 3.
Fast Transient/Burst
EN 61000-4-4
Level 3.
Surge
EN 61000-4-5
Class 3.
RF Immunity
EN 61000-4-6.
Magnetic Fields
EN 61000-4-8.
Voltage Interruptions
EN 61000-4-11.
EMC Emmisions
Parameter
Conditions/Description
FCC Part 15
Conducted Class B, Radiated Class A.
CISPR 22
and CISPR 11
Conducted Class B, Radiated Class A.
Environmental Specifications
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
Cooling
Rated for convection and forced-air cooling.
Audible Noise
0
dBA
Operating Temp
0 ºC to 70 ºC with linear derating to 50% above
50 ºC. Unit will start-up at -20 ºC, but will not
meet all published specifications.
-20
50
70
ºC
Altitude
Operating.
Non-Operating.
10K
50K
ASL ft
ASL ft
Storage Temp
-40
85
ºC
Humidity
95% relative humidity @ 40 ºC, non-condensing
Vibration
Operating: Random vibration; 5 to 500 Hz
(10 minutes, each axis).
Non-Operating: Random vibration; 5 to 500 Hz
(10 minutes, each axis).
2.4
6
Grms
Grms
Shock
Operating: half-sine, 11 ±3 ms, 3-axis.
Non-Operating: half-sine, 11 ±3 ms, 3-axis.
15
40
G
G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com