Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLP75-3003G Datasheet(PDF) 1 Page - Power-One

Part # PLP75-3003G
Description  AC-DC power supplies suited for telecom
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PLP75-3003G Datasheet(HTML) 1 Page - Power-One

  PLP75-3003G Datasheet HTML 1Page - Power-One PLP75-3003G Datasheet HTML 2Page - Power-One PLP75-3003G Datasheet HTML 3Page - Power-One PLP75-3003G Datasheet HTML 4Page - Power-One PLP75-3003G Datasheet HTML 5Page - Power-One PLP75-3003G Datasheet HTML 6Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DEC 04, 2006 revised to JAN 30, 2007
Page 1 of 6
www.power-one.com
PLP75 AC-DC Series Data Sheet
75 Watts
Description
The PLP75 is a cost-effective and efficient series of AC-DC power supplies suited for telecom, datacom, and many
other applications. The PLP75 Series meets the international information technology safety standards with the CE-
Mark for the European Low Voltage Directive (LVD). Active power-factor-correction (PFC) is a standard feature.
PFC enables the user to comply with EN 61000-3-2 line harmonics requirements. In addition, PFC reduces line
losses and rms input current to help achieve low-cost operation and makes the end product more environmentally
friendly to the end users.
Single-Output Model Selection
Model
Nominal
Output Voltage
(VDC)
Min-Max Output
Current (Amps),
Convection
Min-Max Output
Current (Amps),
Forced Air
1
Peak Output
Current
(Amps)
2
Total
Regulation
(%)
3
Ripple &
Noise
pk-pk %
4
PLP75-1003G
3.3
5
0.2 - 13
0.2 - 15
17.5
±2
1
PLP75-1005G
5
5
0.2 - 13
0.2 - 15
16.5
±2
1
PLP75-1012G
12
5
0.1 - 5.4
0.1 - 6.5
7
±2
1
PLP75-1024G
24
5
0.1 - 2.7
0.1 - 3.1
3.5
±2
1
PLP75-1048G
48
5
0.1 - 1.4
0.1 - 1.6
1.8
±2
1
1
5 CFM or 150 LFM (average measurement of six equally-distributed points through a 3.5" x 1.6" (9 cm x 4 cm cross-sectional area) with power
supply mounted on a 0.25" (6.35 mm) standoffs. Recommended airflow direction is from the AC side to the DC side.
2
Peak current duration for less than 30 seconds with a maximum duty cycle of 10%.
3
At 25
°C ambient including voltage set point tolerance, line and load regulation
4
Maximum peak to peak noise expressed as a percentage of output voltage, 20 MHz bandwidth.
5
Output is adjustable ±10 % of nominal.
Applications
•
Telecom, datacom
•
Networking
•
Industrial
•
Medical instrumentation
•
Consumer
•
Gaming
Features
• RoHS compliant for all six substances
• 75 Watts with 5 CFM forced-air cooling
• Typical 80% efficiency
• 65 Watts with convection cooling
• 85-264 VAC wide-range input
• FCC & CISPR 22, Class "B" – Conducted EMI
• Power Factor Corrected (meets IEC61000-3-2)
• Typical 0.99 power factor
• Height meets 1U chassis constraints
• Two-year limited warranty
• Safety Agency pending to UL60960-1, CSA 22.2No.
60950-1-03, and TUV EN60950/IEC 60950-1
• Compliance with EN 61000-4-2 level 4 (ESD),
EN 61000-4-3 (RF), EN 61000-4-4 level 3 (Fast
Transient/Burst), EN 61000-4-5 class 3 (Surge)


Similar Part No. - PLP75-3003G

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
PLP-1.9 MINI-PLP-1.9 Datasheet
167Kb / 1P
Low Pass Filter
PLP-1.9+ MINI-PLP-1.9+ Datasheet
167Kb / 1P
Low Pass Filter
logo
Hamamatsu Corporation
PLP-10 HAMAMATSU-PLP-10 Datasheet
186Kb / 2P
HIGH-REPETITION PICOSECOND LIGHT PULSER Model PLP-10
logo
Mini-Circuits
PLP-10.7 MINI-PLP-10.7 Datasheet
166Kb / 1P
Low Pass Filter
PLP-10.7+ MINI-PLP-10.7+ Datasheet
268Kb / 1P
LOW PASS FILTERS
More results

Similar Description - PLP75-3003G

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624 PULSE-PE-68624 Datasheet
406Kb / 11P
Suited for LAN and Telecom Applications
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
logo
International Rectifier
IRFH7185PBF IRF-IRFH7185PBF_15 Datasheet
547Kb / 9P
Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7191PBF IRF-IRFH7191PBF_15 Datasheet
489Kb / 8P
Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7194PBF IRF-IRFH7194PBF_15 Datasheet
762Kb / 8P
Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7885PBF IRF-IRFH7885PBF_15 Datasheet
518Kb / 8P
Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
IRFH7187PBF IRF-IRFH7187PBF Datasheet
494Kb / 8P
Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
logo
Infineon Technologies A...
IRFH7191PBF INFINEON-IRFH7191PBF Datasheet
550Kb / 10P
Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
2017-01-24
IRFHM7194TRPBF INFINEON-IRFHM7194TRPBF Datasheet
507Kb / 10P
Primary Switch for High Frequency 48V/60V Telecom DC-DC Power Supplies
2016-2-26
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com