Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLP75-3003G Datasheet(PDF) 2 Page - Power-One

Part # PLP75-3003G
Description  AC-DC power supplies suited for telecom
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PLP75-3003G Datasheet(HTML) 2 Page - Power-One

  PLP75-3003G Datasheet HTML 1Page - Power-One PLP75-3003G Datasheet HTML 2Page - Power-One PLP75-3003G Datasheet HTML 3Page - Power-One PLP75-3003G Datasheet HTML 4Page - Power-One PLP75-3003G Datasheet HTML 5Page - Power-One PLP75-3003G Datasheet HTML 6Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DEC 04, 2006 revised to JAN 30, 2007
Page 2 of 6
www.power-one.com
PLP75 AC-DC Series Data Sheet
75 Watts
Triple-Output Model Selection
Model
Nominal
Output Voltage
(VDC)
Min-Max Output
Current (Amps),
Convection
Min-Max Output
Current (Amps),
Forced Air
1
Peak Output
Current
(Amps)
2
Total
Regulation
(%)
3
Ripple &
Noise
pk-pk %
4
PLP75-3300G
+3.3
5
+5
5
+12
0.2 - 7.5
0.3 - 3
0.0 - 0.7
0.2 - 8
0.3 - 4
0.0 - 1
10
4.6
1.5
±2
±2
±5
1
1
1
PLP75-3301G
+3.3
5
+12
-12
0.2 - 7.5
0.3 - 3
0.0 - 0.7
0.2 - 8
0.3 - 4
0.0 - 1
10
4.6
1.5
±2
±5
±5
1
1
1
PLP75-3000G
+5
5
+12
-12
0.2 - 7.5
0.3 - 3
0.0 - 0.7
0.2 - 8
0.3 - 4
0.0 - 1
10
4.6
1.5
±2
±5
±5
1
1
1
PLP75-3003G
+5
5
+15
-15
0.2 - 7.5
0.3 - 2.4
0.0 - 0.7
0.2 - 8
0.3 - 3.2
0.0 - 1
10
3.7
1.5
±2
±5
±5
1
1
1
PLP75-3001G
+5
5
+24
-12
0.2 - 7.5
0.3 - 2
0.0 - 0.7
0.2 - 8
0.3 - 2.6
0.0 - 1
10
2.6
1.5
±2
±5
±5
1
1
1
1
CFM or 150 LFM (average measurement of six equally-distributed points through a 3.5" x 1.6" (9 cm x 4 cm cross-sectional area) with power
supply mounted on a 0.25" (6.35 mm) standoffs. Recommended airflow direction is from the AC side to the DC side.
2
Peak current duration for less than 30 Sec with a max duty cycle of 10%.
3
At 25
°C ambient including voltage set point tolerance, line and load regulation.
4
Maximum peak to peak noise expressed as a percentage of output voltage, 20 MHz bandwidth.
5
Output is adjustable ±10 % of nominal.
ELECTRICAL SPECIFICATIONS
Input Specifications
Parameter
Conditions/Description
Min.
Nom.
Max.
Units
AC Input Voltage
Range
Continuous voltage range
85
100 - 250
264
VAC
DC Input Voltage
Range
Continuous voltage range;
For input above 250 VDC, consult factory.
120
170
250
VDC
Frequency
AC Input
47
50 - 60
63
Hz
Power Factor
Complies with EN61000-3-2 Standard for Line
Current Harmonics
Input current
85 VAC at 75 W
1.5
Amps
rms
Inrush current
115 VAC, Max power, 25 °C
16
A pk
230 VAC, Max power, 25 °C
32
A pk
Input fuse
Non-user serviceable internally located AC
input line fuse is provided.
2.5
A
Efficiency
At maximum output power, nominal line
80
%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com