Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200RGTT Datasheet(PDF) 4 Page - Texas Instruments

Part # LOG200RGTT
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200RGTT Datasheet(HTML) 4 Page - Texas Instruments

  LOG200RGTT Datasheet HTML 1Page - Texas Instruments LOG200RGTT Datasheet HTML 2Page - Texas Instruments LOG200RGTT Datasheet HTML 3Page - Texas Instruments LOG200RGTT Datasheet HTML 4Page - Texas Instruments LOG200RGTT Datasheet HTML 5Page - Texas Instruments LOG200RGTT Datasheet HTML 6Page - Texas Instruments LOG200RGTT Datasheet HTML 7Page - Texas Instruments LOG200RGTT Datasheet HTML 8Page - Texas Instruments LOG200RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted) (1)
MIN
MAX
UNIT
VS
Supply voltage, VS = (VS+) – (VS–)
–0.3
13
V
I1 or I2 to VCM
–5.5
5.5
V
I1, I2, and VCM
Voltage
(VS–) – 0.3
(VS+) + 0.3
V
Current
20
mA
Auxiliary amplifier input voltage
Single-ended
(VS–) – 0.3
(VS+) + 0.3
V
Differential (V+IN) – (V–IN)
–0.3
0.3
Auxiliary amplifier input current
–10
10
mA
Output short-circuit (2)
Continuous
mA
Operating temperature
–40
125
℃
TJ
Junction temperature
–55
150
℃
Tstg
Storage temperature, Tstg
–60
160
℃
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
Short-circuit to ground, one amplifier per package.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002(2)
±1000
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Supply voltage
4.5
12.6
V
VREFGND
REFGND compliance voltage
(VS–)
(VS+) – 4.5
V
VIBIAS
IBIAS compliance voltage
(VS–)
(VS+) – 1.0
V
IVREF
Output current of REF165 or REF25 reference
–2
5
mA
II2
I2 input current
1
mA
TA
Specified temperature
–40
125
℃
5.4 Thermal Information
THERMAL METRIC (1)
LOG200
UNIT
RGT (VQFN)
16 PINS
RθJA
Junction-to-ambient thermal resistance
66.7
℃/W
RθJC(top)
Junction-to-case (top) thermal resistance
61.8
℃/W
RθJB
Junction-to-board thermal resistance
39.8
℃/W
ψJT
Junction-to-top characterization parameter
3.8
℃/W
ψJB
Junction-to-board characterization parameter
39.8
℃/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
31.2
℃/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com