Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200RGTT Datasheet(PDF) 15 Page - Texas Instruments

Part # LOG200RGTT
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200RGTT Datasheet(HTML) 15 Page - Texas Instruments

Back Button LOG200RGTT Datasheet HTML 11Page - Texas Instruments LOG200RGTT Datasheet HTML 12Page - Texas Instruments LOG200RGTT Datasheet HTML 13Page - Texas Instruments LOG200RGTT Datasheet HTML 14Page - Texas Instruments LOG200RGTT Datasheet HTML 15Page - Texas Instruments LOG200RGTT Datasheet HTML 16Page - Texas Instruments LOG200RGTT Datasheet HTML 17Page - Texas Instruments LOG200RGTT Datasheet HTML 18Page - Texas Instruments LOG200RGTT Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
5.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5V (±2.5V) to 10V (±5V), OUTA RL = 10kΩ connected to VS / 2, OUTB RL = 2kΩ connected to VS / 2,
VCM = VREFA = VS / 2, VREFGND = VS–, II1 = 1µA, and II2 = 1µA (unless otherwise noted)
I1 Input Current (µA)
10
100
1000
10000
1.12
1.125
1.13
1.135
1.14
1.145
1.15
1.155
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
VS = 5V (±2.5V), VIBIAS = (VS+) – 1V, mean of n = 32 samples
Figure 5-43. IBIAS Ratio vs I1 Current
I1 Input Current (µA)
10
100
1000
10000
1.12
1.13
1.14
1.15
1.16
1.17
1.18
TA = –40°C
TA = 25°C
TA = 85°C
TA = 125°C
VS = 10V (±5V), VIBIAS = (VS+) – 1V, mean of n = 32 samples
Figure 5-44. IBIAS Ratio vs I1 Current
OUTB Current (mA)
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
TA = –40 C
TA = 25 C
TA = 85 C
TA = 125 C
VS = 5V (±2.5V), sourcing
Figure 5-45. Auxiliary-Amplifier Output Voltage vs
Output Current
OUTB Current (mA)
0
5
10
15
20
25
30
-2.5
-2
-1.5
-1
-0.5
0
TA = –40 C
TA = 25 C
TA = 85 C
TA = 125 C
VS = 5V (±2.5V), sinking
Figure 5-46. Auxiliary-Amplifier Output Voltage vs
Output Current
OUTB Current (mA)
0
5
10
15
20
25
30
0
1
2
3
4
5
TA = –40 C
TA = 25 C
TA = 85 C
TA = 125 C
VS = 10V (±5V), sourcing
Figure 5-47. Auxiliary-Amplifier Output Voltage vs
Output Current
OUTB Current (mA)
0
5
10
15
20
25
30
-5
-4
-3
-2
-1
0
TA = –40 C
TA = 25 C
TA = 85 C
TA = 125 C
VS = 10V (±5V), sinking
Figure 5-48. Auxiliary-Amplifier Output Voltage vs
Output Current
www.ti.com
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com