Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200RGTT Datasheet(PDF) 18 Page - Texas Instruments

Part # LOG200RGTT
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200RGTT Datasheet(HTML) 18 Page - Texas Instruments

Back Button LOG200RGTT Datasheet HTML 14Page - Texas Instruments LOG200RGTT Datasheet HTML 15Page - Texas Instruments LOG200RGTT Datasheet HTML 16Page - Texas Instruments LOG200RGTT Datasheet HTML 17Page - Texas Instruments LOG200RGTT Datasheet HTML 18Page - Texas Instruments LOG200RGTT Datasheet HTML 19Page - Texas Instruments LOG200RGTT Datasheet HTML 20Page - Texas Instruments LOG200RGTT Datasheet HTML 21Page - Texas Instruments LOG200RGTT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
6.3.2 Voltage and Current References
The LOG200 integrates two separate voltage references (2.5V and 1.65V) and a current reference (1μA). The
voltage references are designed to be used as the input common-mode reference (2.5V) and output reference
(1.65V); however, the references can also be used for other functions requiring precise voltages within the
system, as long as the maximum current limitations are observed. These voltage references are established
relative to the voltage applied to the REFGND pin; therefore, establish the current return path to the REFGND
pin rather than to VS–. A snubber circuit improves stability when driving larger capacitive loads, and can improve
noise filtering. If not using a voltage reference, place a 33pF capacitor between the corresponding pin and
REFGND.
The current reference is designed to be used as the input to the I2 pin. If the current reference is instead used
for another function in the system, establish the corresponding current return path to the VS– supply potential. If
the current reference is unused, float the corresponding pin.
6.3.3 Adaptive Photodiode Bias
The LOG200 includes an IBIAS current output feature that can be used to bias a photodiode with a voltage that
is proportional to the photocurrent. The current from the IBIAS pin is nominally 1.1 times the input current of the
I1 pin. When an RBIAS resistance is placed in parallel with the photodiode, 1.0 times the input current is drawn
through the photodiode and the remaining 0.1 times the input current flows through RBIAS. This configuration
establishes a bias voltage across that resistance. As the anode end of the photodiode (connected to the I1 input)
is held at VCM, the cathode voltage effectively rises by 0.1 × RBIAS × I1, thus providing a current-dependent
reverse bias voltage for the photodiode.
This feature creates very small bias voltages for applications with low photodiode currents, reducing the dark
current of the photodiode. In applications with high photodiode currents (which often require larger photodiodes),
higher reverse-bias voltages are developed, thus reducing the effective capacitance of the photodiode and
increasing the effective device bandwidth. If this feature is not used, float the IBIAS pin.
6.3.4 Auxiliary Operational Amplifier
The LOG200 features an additional wide bandwidth amplifier to support functions such as single-ended to
differential conversion, or single-ended gain or filter blocks. Do not use this additional amplifier as a comparator,
as the amplifier is not mux-friendly and is not intended to withstand a continuous differential voltage between the
input pins.
6.4 Device Functional Modes
The LOG200 has a maximum supply voltage of 12.6V (±6.3V) and a minimum supply voltage of 4.5V (±2.25V).
The device has two VCM pins (not internally connected to each other). Drive both VCM pins to the same
potential by one of the two onboard voltage references, or by an external source. Likewise, drive the reference
input of the difference amplifier by a reference or other low-impedance source. For proper operation, do not float
the VCM, VCM2, and REFA pins.
Typically, apply the test current to be measured through the I1 input. Apply a fixed reference current, whether
external or provided by the onboard IREF, through the I2 input. Two external currents can be applied through
I1 and I2, but only the logarithmic ratio of the two currents can be measured, rather than the absolute values of
either. The IBIAS feature is used to provide a reverse voltage bias for an input photodiode. If not used, float the
IBIAS pin or connect the pin to the positive supply voltage VS+.
The LOG200 also features an auxiliary amplifier that is used to create a differential output voltage or for any
other purpose in the system (provided the amplifier input common-mode limitations and other conditions are
met). If the auxiliary amplifier is not needed, apply a midsupply voltage or one of the onboard reference voltages
to the noninverting input to keep the auxiliary amplifier fixed within the input common-mode range. Short the
output and inverting input together, which causes the amplifier to act as a buffer in a known state, rather than
float the pins, which can lead to erratic behavior in noisy environments. Do not use the auxiliary amplifier as a
comparator, as the amplifier does not support a high differential voltage between the input pins.
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com