Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LOG200RGTT Datasheet(PDF) 5 Page - Texas Instruments

Part # LOG200RGTT
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200RGTT Datasheet(HTML) 5 Page - Texas Instruments

  LOG200RGTT Datasheet HTML 1Page - Texas Instruments LOG200RGTT Datasheet HTML 2Page - Texas Instruments LOG200RGTT Datasheet HTML 3Page - Texas Instruments LOG200RGTT Datasheet HTML 4Page - Texas Instruments LOG200RGTT Datasheet HTML 5Page - Texas Instruments LOG200RGTT Datasheet HTML 6Page - Texas Instruments LOG200RGTT Datasheet HTML 7Page - Texas Instruments LOG200RGTT Datasheet HTML 8Page - Texas Instruments LOG200RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5.5 Electrical Characteristics
at TA = 25°C, VS = 5V (±2.5V) to 10V (±5V), OUTA RL = 10kΩ connected to VS / 2, OUTB RL = 2kΩ connected to VS / 2,
VCM = VREFA = VS / 2, VREFGND = VS–, II1 = 1µA, and II2 = 1µA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LOG CONFORMITY ERROR
Logarithmic conformity
error
II1 = 10nA to 100µA
0.004
0.017
dB
0.05
±0.2
%
TA = 0°C to 85°C
0.004
0.026
dB
0.05
±0.3
%
II1 = 10nA to 1mA
0.007
0.044
dB
0.08
±0.5
%
TA = 0°C to 85°C
0.007
0.087
dB
0.08
±1
%
II1 = 1nA to 10mA
0.022
0.065
dB
0.25
±0.75
%
TA = 0°C to 85°C
0.022
0.131
dB
0.25
±1.5
%
TA = –40°C to +125°C,
VS = 5V (1)
0.030
0.265
dB
0.35
±3
%
TA = –40°C to +125°C,
VS = 10V (1)
0.044
0.265
dB
0.5
±3
%
TRANSFER FUNCTION (GAIN)
Initial scaling factor
II1 = 100pA to 10mA
250
mV/decade
Scaling factor error
II1 = 1nA to 100µA
–1
0.15
1
%
TA = 0°C to 85°C
–1.1
1.1
II1 = 100pA to 10mA
0.4
TA = 0°C to 85°C, VS = 5V
0.5
TA = 0°C to 85°C, VS = 10V
0.7
TA = –40°C to +125°C,
VS = 5V (1)
3.8
TA = –40°C to +125°C,
VS = 10V (1)
6.3
LOGARITHMIC AMPLIFIER INPUT
VOS
Offset voltage
VI1 – VCM
II1 = 10nA, VS = 5V
–3
–0.84
3
mV
II1 = 10nA, VS = 10V
–4
–1.6
2
II1 = 100µA
32
50
II1 = 100µA,
TA = –40°C to +125°C
42
VI2 – VCM
II2 = 10nA, VS = 5V
–3
–0.89
3
II2 = 10nA, VS = 10V
–4
–1.4
2
II2 = 100µA, VS = 5V
–0.66
3
II2 = 100µA, VS = 10V
–1.2
2
II2 = 100µA,
TA = –40°C to +125°C
–1.5
dVOS/dT Offset voltage drift
VI1 – VCM
22
µV/°C
VI2 – VCM
–7
VCM
Input common mode
voltage
(VS–) + 2.3
(VS+) – 2.0
V
IBIAS ratio
VIBIAS = (VS+) – 1.0V,
VS = 5V
II1 = 100µA
1.069
1.127
1.185
A/A
II1 = 10mA
1.094
1.128
1.161
VIBIAS = (VS+) – 1.0V,
VS = 10V
II1 = 100µA
1.069
1.127
1.184
II1 = 10mA
1.128
1.162
1.195
www.ti.com
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com