Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR750FXX Datasheet(PDF) 6 Page - STMicroelectronics

Part # STR750FXX
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FXX Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STR750FXX Datasheet HTML 2Page - STMicroelectronics STR750FXX Datasheet HTML 3Page - STMicroelectronics STR750FXX Datasheet HTML 4Page - STMicroelectronics STR750FXX Datasheet HTML 5Page - STMicroelectronics STR750FXX Datasheet HTML 6Page - STMicroelectronics STR750FXX Datasheet HTML 7Page - STMicroelectronics STR750FXX Datasheet HTML 8Page - STMicroelectronics STR750FXX Datasheet HTML 9Page - STMicroelectronics STR750FXX Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
Introduction
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
6/81
Serial Memory Interface (SMI)
The Serial Memory interface is directly able to access up to 4 serial FLASH devices. It can
be used to access data, execute code directly or boot the application from external memory.
The memory is addressed as 4 banks of up to 16 Mbytes each.
Clocks and start-up
After RESET or when exiting from Low Power Mode, the CPU is clocked immediately by an
internal RC oscillator (FREEOSC) at a frequency centered around 5 MHz, so the application
code can start executing without delay. In parallel, the 4/8 MHz Oscillator is enabled and its
stabilization time is monitored using a dedicated counter.
An oscillator failure detection is implemented: when the clock disappears on the XT1 pin, the
circuit automatically switches to the FREEOSC oscillator and an interrupt is generated.
In Run mode, the AHB and APB clock speeds can be set at a large number of different
frequencies thanks to the PLL and various prescalers: up to 60 MHz for AHB and up to 32
MHz for APB when fetching from Flash (64 MHz and 32 MHz when fetching from SRAM).
In SLOW mode, the AHB clock can be significantly decreased to reduce power
consumption.
The built-in Clock Controller also provides the 48 MHz USB clock directly without any extra
oscillators or PLL. For instance, starting from the 4 MHz crystal source, it is possible to
obtain in parallel 60 MHz for the AHB clock, 48 MHz for the USB clock and 30 MHz for the
APB peripherals.
Boot modes
At start-up, boot pins are used to select one of five boot options:
●
Boot from internal flash
●
Boot from external serial Flash memory
●
Boot from internal boot loader
●
Boot from internal SRAM
Booting from SMI memory allows booting from a serial flash. This way, a specific boot
monitor can be implemented. Alternatively, the STR750F can boot from the internal boot
loader that implements a boot from UART.
Power Supply Schemes
You can connect the device in any of the following ways depending on your application.
●
Power Scheme 1: Single external 3.3V power source. In this configuration the
VCORE supply required for the internal logic is generated internally by the main voltage
regulator and the VBACKUP supply is generated internally by the low power voltage
regulator. This scheme has the advantage of requiring only one 3.3V power source.
●
Power Scheme 2: Dual external 3.3V and 1.8V power sources. In this configuration,
the internal voltage regulators are switched off by forcing the VREG_DIS pin to high
level. VCORE is provided externally through the V18 and V18REG power pins and
VBACKUP through the V18_BKP pin. This scheme is intended to save power consumption
for applications which already provide an 1.8V power supply.
●
Power Scheme 3: Single external 5.0V power source. In this configuration the
VCORE supply required for the internal logic is generated internally by the main voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com