Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR750FXX Datasheet(PDF) 21 Page - STMicroelectronics

Part # STR750FXX
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FXX Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STR750FXX Datasheet HTML 17Page - STMicroelectronics STR750FXX Datasheet HTML 18Page - STMicroelectronics STR750FXX Datasheet HTML 19Page - STMicroelectronics STR750FXX Datasheet HTML 20Page - STMicroelectronics STR750FXX Datasheet HTML 21Page - STMicroelectronics STR750FXX Datasheet HTML 22Page - STMicroelectronics STR750FXX Datasheet HTML 23Page - STMicroelectronics STR750FXX Datasheet HTML 24Page - STMicroelectronics STR750FXX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
Pin Description
21/81
91
A4
59
A3
P1.04 / PWM3N /
ADC_IN9
I/O
TT
X
XO4
X
X
Port 1.04
PWM: PWM3
complementary
output(4)
ADC: analog
input 9
92
A3
P1.14 /
ADC_IN15
I/O
TT
X
XO8
X
X
Port 1.14
ADC: analog input 15
93
A2
P1.13 /
ADC_IN14
I/O
TT
X
XEIT13
O8
X
X
Port 1.13
ADC: analog input 14
94
D5
P1.01 / TIM0_TI2
I/O
TT
X
XO2
X
X
Port 1.01
TIM0: Input Capture / trigger /
external clock 2 (remappable to
P0.05)(8)
95
E6
P1.00 /
TIM0_OC2
I/O
TT
X
XO2
X
X
Port 1.00
TIM0: Output compare 2
(remappable to P0.04)(8)
96
C4
60
C4
V18
S
Stabilization for main voltage regulator. Requires
external capacitors 33nF between V18 and VSS18.
See Figure 4.
To be connected to the 1.8V external power supply
when embedded regulators are not used.
97
D4
61
C5
VSS18
S
Ground Voltage for the main voltage regulator.
98
D3
62
A2
VSS_IO
S
Ground Voltage for digital I/Os
99
C3
63
B2
VDD_IO
S
Supply Voltage for digital I/Os
100
A1
64
A1
P0.03 / TIM2_TI1
/ ADC_IN1
I/O
TT
X
XO2
X
X
Port 0.03
TIM2: Input
Capture / trigger
/ external clock 1
ADC: analog
input 1
1.
For STR755FVx part numbers, the USB pins must be left unconnected.
2.
The non available pins on LQPFP64 and LFBGA64 packages are internally tied to low level.
3.
None of the I/Os are True Open Drain: when configured as Open Drain, there is always a protection diode between the I/O
pin and VDD_IO.
4.
In the 100-pin package, this Alternate Function is duplicated on two ports. You can configure one port to use this AF, the
other port is then free for general purpose I/O (GPIO), external interrupt/wake-up lines, or analog input (ADC_IN) where
these functions are listed in the table.
5.
It is mandatory that the NJTRST pin is reset to ground during the power-up phase. It is recommended to connect this pin to
NRSTOUT pin (if available) or NRSTIN.
6.
After reset, these pins are enabled as JTAG alternate function see (Port Reset State on page 16). To use these ports as
general purpose I/O (GPIO), the DBGOFF control bit in the GPIO_REMAP0R register must be set by software (in this case,
debugging these I/Os via JTAG is not possible).
7.
There are two different TQFP and BGA 64-pin packages: in the first one, pins 41 and 42 are mapped to USB DN/DP while
for the second one, they are mapped to P0.15/CAN_TX and P0.14/CAN_RX.
8.
For details on remapping these alternate functions, refer to the GPIO_REMAP0R register description.
Table 6.
STR750F pin description (continued)
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function
OD
(3)
PP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com