Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR750FXX Datasheet(PDF) 7 Page - STMicroelectronics

Part # STR750FXX
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FXX Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STR750FXX Datasheet HTML 3Page - STMicroelectronics STR750FXX Datasheet HTML 4Page - STMicroelectronics STR750FXX Datasheet HTML 5Page - STMicroelectronics STR750FXX Datasheet HTML 6Page - STMicroelectronics STR750FXX Datasheet HTML 7Page - STMicroelectronics STR750FXX Datasheet HTML 8Page - STMicroelectronics STR750FXX Datasheet HTML 9Page - STMicroelectronics STR750FXX Datasheet HTML 10Page - STMicroelectronics STR750FXX Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 81 page
background image
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
Introduction
7/81
regulator and the VBACKUP supply is generated internally by the low power voltage
regulator. This scheme has the advantage of requiring only one 5.0V power source.
●
Power Scheme 4: Dual external 5.0V and 1.8V power sources. In this configuration,
the internal voltage regulators are switched off, by forcing the VREG_DIS pin to high
level. VCORE is provided externally through the V18 and V18REG power pins and
VBACKUP through the V18_BKP pin. This scheme is intended to provide 5V I/O capability.
Caution: When powered by 5.0V, the USB peripheral cannot operate.
Low Power modes
The STR750F supports 5 low power modes, SLOW, PCG, WFI, STOP and STANDBY.
●
SLOW MODE: the system clock speed is reduced. Alternatively, the PLL and the main
oscillator can be stopped and the device is driven by a low power clock (fRTC). The
clock is either an external 32.768 kHz oscillator or the internal low power RC oscillator.
●
PCG MODE (Peripheral Clock Gating MODE): When the peripherals are not used, their
APB clocks are gated to optimize the power consumption.
●
WFI MODE (Wait For Interrupts): only the CPU clock is stopped, all peripherals
continue to work and can wake-up the CPU when IRQs occur.
●
STOP MODE: all clocks/peripherals are disabled. It is also possible to disable the
oscillators and the Main Voltage Regulator (In this case the VCORE is entirely powered
by V18_BKP). This mode is intended to achieve the lowest power consumption with
SRAM and registers contents retained. The system can be woken up by any of the
external interrupts / wake-up lines or by the RTC timer which can optionally be kept
running. The RTC can be clocked either by the 32.768 kHz Crystal or the Low Power
RC Oscillator.
Alternatively, STOP mode gives flexibility to keep the either main oscillator, or the Flash
or the Main Voltage Regulator enabled when a fast start after wake-up is preferred (at
the cost of some extra power consumption).
●
STANDBY MODE: This mode (only available in single supply power schemes) is
intended to achieve the lowest power consumption even when the temperature is
increasing. The digital power supply (VCORE) is completely removed (no leakage even
at high ambient temperature). SRAM and all register contents are lost. Only the RTC
remains powered by V18_BKP. The STR750F can be switched back from STANDBY to
RUN mode by a trigger event on the WKP_STDBY pin or an alarm timeout on the RTC
counter.
Caution:
It is important to bear in mind that it is forbidden to remove power from the VDD_IO power
supply in any of the Low Power Modes (even in STANDBY MODE).
DMA
The flexible 4-channel general-purpose DMA is able to manage memory to memory,
peripheral to memory and memory to peripheral transfers. The DMA controller supports
circular buffer management avoiding the generation of interrupts when the controller
reaches the end of the buffer.
The DMA can be used with the main peripherals: UART0, SSP0, Motor control PWM timer
(PWM), standard timer TIM0 and ADC.
RTC (Real Time Clock)
The real time clock provides a set of continuously running counters which can be used with
suitable software to provide a clock calendar function, and provides an alarm interrupt and a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com