Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR750FXX Datasheet(PDF) 8 Page - STMicroelectronics

Part # STR750FXX
Description  ARM7TDMI-S??32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR750FXX Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STR750FXX Datasheet HTML 4Page - STMicroelectronics STR750FXX Datasheet HTML 5Page - STMicroelectronics STR750FXX Datasheet HTML 6Page - STMicroelectronics STR750FXX Datasheet HTML 7Page - STMicroelectronics STR750FXX Datasheet HTML 8Page - STMicroelectronics STR750FXX Datasheet HTML 9Page - STMicroelectronics STR750FXX Datasheet HTML 10Page - STMicroelectronics STR750FXX Datasheet HTML 11Page - STMicroelectronics STR750FXX Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
Introduction
STR750Fxx STR751Fxx STR752Fxx STR755Fxx
8/81
periodic interrupt. It is clocked by an external 32.768 kHz oscillator or the internal low power
RC oscillator. The RC has a typical frequency of 300 kHz and can be calibrated.
WDG (Watchdog Timer)
The watchdog timer is based on a 16-bit downcounter and 8-bit prescaler. It can be used as
watchdog to reset the device when a problem occurs, or as free running timer for application
time out management.
Timebase Timer (TB)
The timebase timer is based on a 16-bit auto-reload counter and not connected to the I/O
pins. It can be used for software triggering, or to implement the scheduler of a real time
operating system.
Synchronizable Standard Timers (TIM2:0)
The three standard timers are based on a 16-bit auto-reload counter and feature up to 2
input captures and 2 output compares (for external triggering or time base / time out
management). They can work together with the PWM timer via the Timer Link feature for
synchronization or event chaining. In reset state, timer Alternate Function I/Os are
connected to the same
I/O ports in both 64-pin and 100-pin devices. To optimize timer functions in 64-pin devices,
timer Alternate Function I/Os can be connected, or “remapped”, to other I/O ports as
summarized in Table 3 and detailed in Table 6. This remapping is done by the application via
a control register.
Any of the standard timers can be used to generate PWM outputs. One timer (TIM0) is
mapped to a DMA channel.
Motor Control PWM timer (PWM)
The Motor Control PWM Timer (PWM) can be seen as a three-phase PWM multiplexed on 6
channels. The 16-bit PWM generator has full modulation capability (0...100%), edge or
centre-aligned patterns and supports dead-time insertion. It has many features in common
with the standard TIM timers which has the same architecture and it can work together with
the TIM timers via the Timer Link feature for synchronization or event chaining.The PWM
timer is mapped to a DMA channel.
Table 3. Standard timer alternate function I/Os
Standard Timer Functions
Number of Alternate Function I/Os
100-pin
package
64-pin package
Default mapping
Remapped
TIM 0
Input Capture
2
1
2
Output Compare/PWM
2
1
2
TIM 1
Input Capture
2
1
1
Output Compare/PWM
2
1
1
TIM 2
Input Capture
2
2
2
Output Compare/PWM
2
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com