Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM1490X Datasheet(PDF) 2 Page - Rakon Limited

Part # ROM1490X
Description  MercuryX™ High-Performance OCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM1490X Datasheet(HTML) 2 Page - Rakon Limited

  ROM1490X Datasheet HTML 1Page - Rakon Limited ROM1490X Datasheet HTML 2Page - Rakon Limited ROM1490X Datasheet HTML 3Page - Rakon Limited ROM1490X Datasheet HTML 4Page - Rakon Limited ROM1490X Datasheet HTML 5Page - Rakon Limited ROM1490X Datasheet HTML 6Page - Rakon Limited ROM1490X Datasheet HTML 7Page - Rakon Limited ROM1490X Datasheet HTML 8Page - Rakon Limited ROM1490X Datasheet HTML 9Page - Rakon Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MercuryX™ IC OCXO | Telecom Networking and Stratum 3E
Issue: B, 7 May 2024
Specifications are subject to change without notice.
Copyright © 2023 to 2024 Rakon Limited. All rights reserved
Page
2 of 10
Contact Us
ROM1490X
1.0
Absolute Maximum Rating1
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
a. Storage temperature
-55
125
°C
b. Supply voltage (Vcc)
-0.5
6
V
c. Power dissipation
2
W
d. Load
50
pF
2.0
Frequency Characteristics2
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
e. Nominal frequency (Fn)
10 - 50
MHz
Standard frequencies 10, 19.2, 19.44, 20, 38.4,
38.88 & 40MHz
f. Frequency calibration
±0.2
ppm
At 25°C ± 2°C, at time of shipment, reference to
the nominal frequency
g. Reflow shift
±0.2
ppm
After 1 hour recovery at 25°C
h. Operating temperature range
-40
+95
°C
i. Frequency stability over
temperature (in still air)
±3
ppb
Reference to (FMAX + FMIN)/2
j. Frequency slope ΔF/ΔT in still air
±0.05
±0.1
ppb/°C
Temperature ramp ≤ 1°C/minute
k. All causes stability
±3
ppm
Including calibration, temperature, supply voltage
& load changes and 20 years life, reference to Fn
l. Supply voltage stability
±1
ppb
±1% variation, reference to frequency at 3.3V
m. Load sensitivity
±5
ppb
±10% variation, reference to frequency at 15pF
n. Warm-up time3
15
180
sec
o. Long term stability (Ageing)
±0.2
±0.5
±0.3
±2.5
ppb
ppm
Per day, after 30 days of continuous operation
First year
20 years
p. Acceleration sensitivity
0.9
ppb/g
Gamma vector of all three axes from 30Hz to
1500Hz
q. Holdover4, 5, 6
6
8
hours
Constant temperature condition
3
6
hours
Temperature change of +1°C or -1°C after
holdover starts; temperature rate ±0.5°C/minute
1.5
3.5
hours
Temperature change of +2.8°C or -2.8°C after
holdover starts; temperature rate ±0.5°C/minute
1
Operating beyond this limit may result in change or permanent damage to the device.
2
The characteristics of the component may be temporarily affected by the processes of assembly and soldering. The frequency specifications apply after 48
hours of continuous operation after assembly. Nominal conditions (T=25°C, Vcc=3.3V, Cload=15pF) apply unless otherwise stated.
3
Time needed for frequency to be within ±20 ppb reference to frequency after 1 hour, at 25°C. Parameter is frequency, assembly and operating history
dependent.
4
Referenced to the midpoint between minimum and maximum frequency value over the specified temperature range. The temperature varied at a maximum
of 1°C per minute.
5
Parts should be shielded from drafts causing unexpected thermal gradients. Temperature changes due to ambient air currents on the oscillator can lead to
short-term frequency drift
6
No supply voltage or load changes, after 30 days of continuous operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com