Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM1490X Datasheet(PDF) 3 Page - Rakon Limited

Part # ROM1490X
Description  MercuryX™ High-Performance OCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM1490X Datasheet(HTML) 3 Page - Rakon Limited

  ROM1490X Datasheet HTML 1Page - Rakon Limited ROM1490X Datasheet HTML 2Page - Rakon Limited ROM1490X Datasheet HTML 3Page - Rakon Limited ROM1490X Datasheet HTML 4Page - Rakon Limited ROM1490X Datasheet HTML 5Page - Rakon Limited ROM1490X Datasheet HTML 6Page - Rakon Limited ROM1490X Datasheet HTML 7Page - Rakon Limited ROM1490X Datasheet HTML 8Page - Rakon Limited ROM1490X Datasheet HTML 9Page - Rakon Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MercuryX™ IC OCXO | Telecom Networking and Stratum 3E
Issue: B, 7 May 2024
Specifications are subject to change without notice.
Copyright © 2023 to 2024 Rakon Limited. All rights reserved
Page
3 of 10
Contact Us
r. Wander generation7
TDEV compliant with GR-1244 fig 5-4 & G.812 types II & III fig 2
MTIE compliant with GR-1244 fig 5-5 & G.812 types II & III fig 1
TDEV & MTIE compliant with G.8262, G.8262.1, G.8263, G.8273.2, G.8273.3, G.8273.4
3.0
Power Supply
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
a. Supply voltage (Vcc)
2.7 – 5
V
±5%
b. Input power
(Warm up)
1200
1500
mW
At Vcc = 3.3V
c. Input power
(Steady state in still air at 25°C)
400
440
mW
At Vcc = 3.3V
4.0
Oscillator Output – Regulated CMOS 1.0V
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
a. Output voltage level low (VOL)
0
0.1
V
b. Output voltage level high (VOH)
0.9
1.1
V
c. Rise and fall time
2
ns
10% to 90% level
d. Duty cycle
45
55
%
At 50% level
e. Load
15
pF
Nominal
f.
Waveform screenshot
(example at 20MHz)
5.0
Oscillator Output – Regulated CMOS 1.8V
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
g. Output voltage level low (VOL)
0
0.15
V
h. Output voltage level high (VOH)
1.65
1.95
V
i. Rise and fall time
1
2
ns
10% to 90% level
j. Duty cycle
45
55
%
At 50% level
k. Load
15
pF
Nominal
7
Oscillator stabilised 24 hours at constant temperature (±1°C, still air). Data subjected to relevant loop filter values (-3dB cut-off, 2nd order high pass).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com