Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM1490X Datasheet(PDF) 4 Page - Rakon Limited

Part # ROM1490X
Description  MercuryX™ High-Performance OCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM1490X Datasheet(HTML) 4 Page - Rakon Limited

  ROM1490X Datasheet HTML 1Page - Rakon Limited ROM1490X Datasheet HTML 2Page - Rakon Limited ROM1490X Datasheet HTML 3Page - Rakon Limited ROM1490X Datasheet HTML 4Page - Rakon Limited ROM1490X Datasheet HTML 5Page - Rakon Limited ROM1490X Datasheet HTML 6Page - Rakon Limited ROM1490X Datasheet HTML 7Page - Rakon Limited ROM1490X Datasheet HTML 8Page - Rakon Limited ROM1490X Datasheet HTML 9Page - Rakon Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MercuryX™ IC OCXO | Telecom Networking and Stratum 3E
Issue: B, 7 May 2024
Specifications are subject to change without notice.
Copyright © 2023 to 2024 Rakon Limited. All rights reserved
Page
4 of 10
Contact Us
l.
Waveform screenshot
(example at 20MHz)
6.0
Oscillator Output – Regulated CMOS 2.5V
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
m. Output voltage level low (VOL)
0
0.2
V
n. Output voltage level high (VOH)
2.3
2.7
V
o. Rise and fall time
1
2
ns
10% to 90% level
p. Duty cycle
45
55
%
At 50% level
q. Load
15
pF
r.
Waveform screenshot
(example at 20MHz)
7.0
Oscillator Output – Regulated CMOS 3.3V
Parameter
Min.
Typ.
Max.
Unit
Test Condition / Description
s. Output voltage level low (VOL)
10% Vcc
V
t. Output voltage level high (VOH)
90% Vcc
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com