Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ROM1490X Datasheet(PDF) 1 Page - Rakon Limited

Part # ROM1490X
Description  MercuryX™ High-Performance OCXO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAKON [Rakon Limited]
Direct Link  https://www.rakon.com/
Logo RAKON - Rakon Limited

ROM1490X Datasheet(HTML) 1 Page - Rakon Limited

  ROM1490X Datasheet HTML 1Page - Rakon Limited ROM1490X Datasheet HTML 2Page - Rakon Limited ROM1490X Datasheet HTML 3Page - Rakon Limited ROM1490X Datasheet HTML 4Page - Rakon Limited ROM1490X Datasheet HTML 5Page - Rakon Limited ROM1490X Datasheet HTML 6Page - Rakon Limited ROM1490X Datasheet HTML 7Page - Rakon Limited ROM1490X Datasheet HTML 8Page - Rakon Limited ROM1490X Datasheet HTML 9Page - Rakon Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MercuryX™ High-Performance OCXO
Issue: B, 7 May 2024
Specifications are subject to change without notice.
Copyright © 2023 to 2024 Rakon Limited. All rights reserved
Page
1 of 10
Contact Us
ROM1490X
The ROM1490X is a Stratum 3E compliant OCXO which delivers ±3 ppb stability over an extended operating temperature range
of -40 to 95°C. Designed specifically for
data centre synchronisation, 5G Base Stations and Small Cells, 5G Advanced and 6G Radio
Access Networks (RAN), it is Rakon’s first OCXO to incorporate its proprietary Mercury™ ASIC and XMEMS® resonator
technologies, providing increased stability and holdover performance.
The ROM1490X builds on Rakon’s expertise in miniature ASIC based OCXOs, XMEMS® crystal resonators, electric circuit design,
thermal packaging, quality manufacturing processes, and high-resolution testing methods. The small form factor OCXO in
footprint size 14 x 9 mm achieves an 8-hour phase holdover (1.5 µs). It delivers a low-frequency slope of 0.05 ppb/°C and
guarantees long-term stability of ±2.5 ppm over 20 years.
Equipped with a thermal protection package, the ROM1490X can withstand increased low/high temperatures and strong
airflows, while maintaining reliable frequency signals and timing synchronisation. Exceeding the Stratum 3E requirement of ±5
ppb and offering an advanced stability of ≤±3 ppb, the ROM1490X emerges as the optimal choice for demanding
telecommunications applications in performance and reliability.
Frequency Stability (FvT)
≤±1.5 ppb (-40 to 95°C)
available upon request
Phase Noise @ 10 MHz
1 Hz offset: -85 dBc/Hz
Floor noise: -160 dBc/Hz
Key specifications
Applications
Package: 14.2 x 9.2 x 6.5 mm, 6-pad, SMD
Frequency (Fn): 10 to 50 MHz
Frequency stability (FvT): ±3 ppb
Operating temperature: -40 to 95°C
Long term stability: ±2.5 ppm / 20 year
Frequency slope ( ΔF/ΔT): 0.05 ppb/°C
Floor noise (@10 MHz): -160 dBc/Hz
Output waveform: CMOS
Voltage supply: 2.7 to 5 V
Radio access networks / O-RAN
Stratum 3E, IEEE 1588
Switches and data centres
PTP enabled ethernet switches and
routers
Cable modem CMTS and remote PHYs
G.8262, G.8262.1, G.8263, G.8273.2,
G.8273.3, G.8273.4
Test and measurement
2
0
-2
-40
-20
0
20
40
60
80
95
Temperature (°C)
Frequency (Hz)
10
0
10
1
10
2
10
3
10
4
10
5
10
6


Similar Part No. - ROM1490X

ManufacturerPart #DatasheetDescription
logo
Rakon Limited
ROM1490E RAKON-ROM1490E Datasheet
468Kb / 2P
Mercury ™ IC OCXO | Networking & Stratum 3E
10 June 2021
ROM1490EA RAKON-ROM1490EA Datasheet
442Kb / 2P
Mercury ™ IC OCXO | Networking & Stratum 3E
26 August 2024
ROM1490PA RAKON-ROM1490PA Datasheet
465Kb / 2P
Mercury ™ IC OCXO | RRH and Small Cells
25 October 2024
ROM1490PS RAKON-ROM1490PS Datasheet
778Kb / 2P
MERCURY™ IC OCXO | RRH AND SMALL CELLS
10 June 2021
More results

Similar Description - ROM1490X

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
HCD660 GOLLEDGE-HCD660 Datasheet
66Kb / 1P
OCXO Sine Output High Performance
HCD661 GOLLEDGE-HCD661 Datasheet
63Kb / 1P
OCXO HCMOS Output High Performance
logo
Advanced XTAL Products
AXIOM10HP AXTAL-AXIOM10HP Datasheet
54Kb / 2P
High-performance OCXO in SMD package
2008-04-01
AXIOM30HP AXTAL-AXIOM30HP Datasheet
55Kb / 2P
High-performance OCXO in CO15 package
2006-06-31
logo
Connor-Winfield Corpora...
OFC5CE1AB CONNOR-WINFIELD-OFC5CE1AB Datasheet
145Kb / 2P
High Stability HCMOS OCXO
logo
TEMEX
ROX2525T5 TEMEX-ROX2525T5 Datasheet
448Kb / 2P
The ROX2525T5 OCXO presents interesting stability performance versus price
logo
Advanced XTAL Products
AXIOM130HP AXTAL-AXIOM130HP Datasheet
116Kb / 4P
High-performance OCXO with very high frequency stability
2015-06-23
logo
Golledge Electronics Lt...
HCD660 GOLLEDGE-HCD660_18 Datasheet
556Kb / 4P
High Performance OCXO with Sine Output and European pin-out
HCD661 GOLLEDGE-HCD661_18 Datasheet
553Kb / 4P
High Performance OCXO with CMOS Output and European pin-out
HCD680 GOLLEDGE-HCD680 Datasheet
558Kb / 5P
High Performance OCXO with Sine Output and US pin-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com