Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RX45-XXXXX Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-RX45-XXXXX
Description  0.45mm Leadframe-Based Surface Mount ChipLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-RX45-XXXXX Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-RX45-XXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Figure 8. Tape Dimensions.
Figure 9. Reeling Orientation.
Figure 7a. Recommended reflow soldering profile.
Figure 7b. Recommended Pb-free reflow soldering profile.
Notes:
For detail information on reflow soldering of Avago surface mount LEDs, do refer to Avago Application Note AN 1060 Surface Mounting SMT LED
Indicator Components.
CATHODE SIDE
PRINTED LABEL
USER FEED DIRECTION
20 SEC. MAX.
3 o
C/SEC.
MAX.
120 SEC. MAX.
TIME
183 o
C
100-150 o
C
-6 o
C/SEC.
MAX.
60-150 SEC.
3 o
C/SEC. MAX.
240 o
C/ MAX.
217 oC
200 oC
60-120SEC.
3 oC/SEC. MAX.
(Acc. to J-STD-020C)
150 oC
255 - 260 oC
100 SEC. MAX.
10 to 30 SEC.
TIME
6 oC/SEC. MAX.
3 oC/SEC. MAX.
1.50
[0.059]
4.00
[0.157]
4.00
[0.157]
1.75
[0.069]
DIM. C
[SEE TABLE 1]
DIM. A
[SEE TABLE]
DIM. B
[SEE TABLE]
3.50 +/- 0.05
[0.14 +/- 0.002]
8.00 +/- 0.30
[0.315 +/- 0.012]
USER FEED
DIRECTION
COVER TAPE
CARRIER TAPE
0.254 +/- 0.02
[0.01 +/- 0.001]
Diam. 0.60 +/- 0.05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com