Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RX45-XXXXX Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-RX45-XXXXX
Description  0.45mm Leadframe-Based Surface Mount ChipLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-RX45-XXXXX Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-RX45-XXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Color Bin Select (X5)
Individual reel will contain parts from one full bin only.
X5
0
Full Distribution
Z
A and B only
Y
B and C only
W
C and D only
V
D and E only
U
E and F only
T
F and G only
S
G and H only
Q
A, B and C only
P
B, C and D only
N
C, D and E only
M
D, E and F only
L
E, F and G only
K
F, G and H only
J
Special Color Bin
1
A, B, C and D only

E, F, G and H only

B, C, D and E only
4
C, D, E and F only
5
A, B, C, D and E only
6
B, C, D, E, and F only
Packaging Option (X6)
Option
Test Current
Package Type
Reel Size

0 mA
Top Mount
7 Inch
H
 mA
Top Mount
7 Inch
K
5 mA
Top Mount
7 Inch
Forward Voltage (VF) Bin Limits
Bin ID
Forward Voltage (V)
Minimum
Maximum
1
1.60
1.80

1.80
.00

.00
.0
4
.0
.40
Tolerance: ±0.1V
Color Bin Limits
Yellow Green Color Bin
Bin ID
Dominant Wavelength (nm)
Min.
Max.
E
564.5
567.5
F
567.5
570.5
G
570.5
57.5
H
57.5
576.5
Yellow/Amber Color Bin
Bin ID
Dominant Wavelength (nm)
Min.
Max.
A
58.0
584.5
B
584.5
587.0
C
587.0
589.5
D
589.5
59.0
E
59.0
594.5
F
594.5
597.0
Orange Color Bin
Bin ID
Dominant Wavelength (nm)
Min
Max
A
597.0
600.0
B
600.0
60.0
C
60.0
606.0
D
606.0
609.0
E
609.0
61.0
Red Color Bin
Bin ID
Dominant Wavelength (nm)
Min.
Max.
Full Distribution
60.0
65.0
Tolerance: ±1nm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com