Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RX45-XXXXX Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-RX45-XXXXX
Description  0.45mm Leadframe-Based Surface Mount ChipLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-RX45-XXXXX Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-RX45-XXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ASMT-Rx45-xxxxx
0.45mm Leadframe-Based Surface Mount ChipLED
Data Sheet
CAUTION: ASMT-Rx45 LEDs are Class 1C ESD sensitive per JESD22-A114C.01. Please observe appropriate
precautions during handling and processing. Refer to Application Note AN-1142 for additional details.
Description
Avago Technologies’ultra-thin ASMT-Rx45 ChipLEDs were
developed based on the industrial standard ChipLED
0603 platform which requires less board space. These
ChipLEDs provide a wide viewing angle of 130 degrees to
improve visibility in bright sunlight.
In addition to the high-brightness and compact size,
Avago’s ASMT-Rx45 ChipLEDs provide two significant
advantages in the production environment: They can
be easily soldered using IR solder reflow process, and
the package is qualified to a Joint Electronic Device En-
gineering Council (JEDEC) moisture sensitive level (MSL)
rating of 2a. For manufacturers, this rating means that
these ChipLEDs can be kept in the open air (30 degrees
C, 60 percent relative humidity) for up to four weeks after
being removed from its sealed package without the need
to remove absorbed moisture.
Avago’s ultra-thin Leadframe ChipLED available in Red,
Orange, Yellow Green and Amber colors, the ASMT-Rx45
series is ideal for use by lighting designers developing
backlighting for dashboards and entertainment consoles
in automobiles, backlighting of industrial switches and
buttons, and small pixel indoor signs.
Features
• Industrial 0603 platform – 1.6 x 0.8 x 0.45mm
• Automotive qualified
• Super wide 130 deg viewing angle
• JEDEC MSL 2a.
• Robust Operating Temperature from - 40 to +100 °C
• Junction Temperature Tj = 110 °C
• RoHS & IR Reflow compatible
Applications
1. Interior Automotive
• Navigation backlighting
• Audio panel backlighting
• Push Button backlighting
2. Office Automation, home appliances and industrial
equipment
• Front panel backlighting
• Push Button backlighting
• LCD backlighting
• Switches backlighting
• Navigation backlighting


Similar Part No. - ASMT-RX45-XXXXX

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-RX45-XXXXX BOARDCOM-ASMT-RX45-XXXXX Datasheet
505Kb / 9P
0.45-mm Leadframe-Based Surface Mount ChipLED
More results

Similar Description - ASMT-RX45-XXXXX

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-HD1X133B-TR BRIGHT-BL-HD1X133B-TR Datasheet
331Kb / 7P
SURFACE MOUNT CHIPLED LAMP SPECIFICATION
BL-HG036A-AV-TRB BRIGHT-BL-HG036A-AV-TRB Datasheet
467Kb / 8P
SURFACE MOUNT CHIPLED LAMP SPECIFICATION
BL-HG436A-TR BRIGHT-BL-HG436A-TR Datasheet
289Kb / 7P
SURFACE MOUNT CHIPLED LAMP SPECIFICATION
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-RR45-AQ902 AVAGO-ASMT-RR45-AQ902 Datasheet
376Kb / 8P
0.45mm Leadframe-Based Surface Mount ChipLED Super wide 145 deg viewing angle
HSMR-CL25 AVAGO-HSMR-CL25 Datasheet
184Kb / 6P
0.25mm Blue Leadframe-Based Surface Mount ChipLED
HSMW-CL25 AVAGO-HSMW-CL25 Datasheet
178Kb / 6P
0.25mm White Leadframe-Based Surface Mount ChipLED
HSMF-C150 AVAGO-HSMF-C150 Datasheet
403Kb / 7P
Bi Color Surface Mount ChipLED
logo
Broadcom Corporation.
HSMC-C170-T0000 BOARDCOM-HSMC-C170-T0000 Datasheet
1Mb / 10P
High Performance Surface Mount ChipLED
HSML-C170-T0000 BOARDCOM-HSML-C170-T0000 Datasheet
1Mb / 10P
High Performance Surface Mount ChipLED
ASMT-RX45-XXXXX BOARDCOM-ASMT-RX45-XXXXX Datasheet
505Kb / 9P
0.45-mm Leadframe-Based Surface Mount ChipLED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com