Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMT-RX45-XXXXX Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-RX45-XXXXX
Description  0.45mm Leadframe-Based Surface Mount ChipLED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-RX45-XXXXX Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-RX45-XXXXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-RX45-XXXXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image

Absolute Maximum Ratings at TA = 25°C
Parameter
ASMT-Rx45
Units
DC Forward Current [1]
0
mA
Power Dissipation
48
mW
Reverse Voltage (IR = 100mA)
5
V
LED Junction Temperature
110
°C
Operating Temperature Range
-40 to +100
°C
Storage Temperature Range
-40 to +100
°C
Notes:
1. Applies when single LED is lit up.
Electrical Characteristics at TA = 25°C
Part Number
Forward Voltage,
VF (Volts) [1] @ IF =20mA
Reverse Breakdown
VR (Volts) @ IR = 100mA
Thermal Resistance
RqJ-PIN (°C/W)
Min
Typ
Max
Min
Typical
ASMT-RR45
1.6
.0
.4
5
46
ASMT-RJ45
1.6
.0
.4
5
46
ASMT-RF45
1.6
.0
.4
5
46
ASMT-RA45
1.6
.0
.4
5
46
Notes:
1. VF Tolerance: ±0.1V
Optical Characteristics at TA = 25°C
Part Number
Color
Luminous Intensity
IV [1] (mcd) @ 20mA
Peak
Wavelength
lpeak (nm)
Dominant
Wavelength
ld [2] (nm)
Viewing Angle
2q1/2[3]
(Degrees)
Min.
Typ.
Typical
Typical
Typical
ASMT-RR45
Red
50
10
66
6
145
ASMT-RJ45
Orange
50
10
61
605
145
ASMT-RF45
Yellow Green
6
60
574
57
145
ASMT-RA45
Amber
40
90
59
591
145
Notes:
1. The luminous intensity IV is measured at the peak of the spatial radiation pattern which may not be aligned with the mechanical axis of the LED
package.
2. The dominant wavelength, ld, is derived from the CIE Chromaticity Diagram and represents the perceived color of the device.
3. q½ is the off-axis angle where the luminous intensity is ½ the peak intensity.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com