Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5233 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC5233
Description  High Input Voltage, Low IQ μCap LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5233 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC5233 Datasheet HTML 16Page - Microchip Technology MIC5233 Datasheet HTML 17Page - Microchip Technology MIC5233 Datasheet HTML 18Page - Microchip Technology MIC5233 Datasheet HTML 19Page - Microchip Technology MIC5233 Datasheet HTML 20Page - Microchip Technology MIC5233 Datasheet HTML 21Page - Microchip Technology MIC5233 Datasheet HTML 22Page - Microchip Technology MIC5233 Datasheet HTML 23Page - Microchip Technology MIC5233 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2018-2022 Microchip Technology Inc. and its subsidiaries
DS20006033E-page 21
MIC5233
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC5233-1.8YM5-TR:
High Input Voltage, Low IQ µCap
LDO Regulator, 1.8V,
-40°C to +125°C,
5-Lead SOT23, 3000/Reel
b) MIC5233-2.5YM5-TR:
High Input Voltage, Low IQ µCap
LDO Regulator, 2.5V,
-40°C to +125°C,
5-Lead SOT23, 3000/Reel
c) MIC5233-3.0YM5-TR:
High Input Voltage, Low IQ µCap
LDO Regulator, 3.0V,
-40°C to +125°C,
5-Lead SOT23, 3000/Reel
d) MIC5233-3.3YM5-TR:
High Input Voltage, Low IQ µCap
LDO Regulator, 3.3V,
-40°C to +125°C,
5-Lead SOT23, 3000/Reel
e) MIC5233-5.0YM5-TR:
High Input Voltage, Low IQ µCap
LDO Regulator, 5.0V,
-40°C to +125°C,
5-Lead SOT23, 3000/Reel
f) MIC5233YM5-TR:
HighInputVoltage,LowIQµCapLDO
Regulator, Adjustable,
-40°C to +125°C,
5-Lead SOT23, 3000/Reel
g) MIC5233-3.3YS:
High Input Voltage, Low IQ µCap
LDO Regulator, 3.3V,
-40°C to +125°C,
3-Lead SOT223, 78/Tube
h) MIC5233-5.0YS:
High Input Voltage, Low IQ µCap
LDO Regulator, 5.0V,
-40°C to+125°C,
3-Lead SOT223, 78/Tube
i) MIC5233-5.0YS-TR:
High Input Voltage, Low IQ µCap
LDO Regulator, 5.0V,
-40°C to+125°C,
3-Lead SOT223, 2500/Reel
j) MIC5233-YM5-TRVAO:
High Input Voltage, Low IQ µCap
LDO Regulator, Adjustable,
-40°C to +125°C,
5-Lead SOT23, 3000/Reel,
Automotive Qualified
k) MIC5233-1.8YM5-TRVAO: High Input Voltage, Low IQ µCap
LDO Regulator, 1.8V,
-40°C to+125°C,
5-Lead SOT223, 3000/Reel
Automotive Qualified
l) MIC5233-3.3YM5-TRVAO:
High Input Voltage, Low IQ µCap
LDO Regulator, 3.3V,
-40°C to+125°C,
5-Lead SOT223, 3000/Reel
Automotive Qualified
m) MIC5233-5.0YM5-TRVAO: High Input Voltage, Low IQ µCap
LDO Regulator, 5.0V,
-40°C to +125°C,
5-Lead SOT23, 3000/Reel,
Automotive Qualified
PART NO.
XXX
Package
Device
Device:
MIC5233: High Input Voltage, Low IQ µCap 
LDO Regulator
Output Voltage:
1.8
= 1.8V
2.5
= 2.5V
3.0
= 3.0V
3.3
= 3.3V
5.0
= 5.0V
(Blank) = Adjustable
Junction
Temperature Range:
Y
= -40°C to +125°C
Package:
M5
S
= 5-Lead SOT23
= 3-Lead SOT223
Media Type:
(Blank)
TR
TR
= 78/Tube (SOT223 Only)
= 2,500/Reel (SOT223 Only)
= 3000/Reel (SOT23 Only)
Qualification:
(Blank)
VAO
= Standard Part
= Automotive AEC-Q100 Qualified
X
Junction
Note: Tape and Reel identifier only appears in the catalog part
number description. This identifier is used for ordering
purposes and is not printed on the device package. Check
with your Microchip Sales Office for package availability
with the Tape and Reel option.
–XX
Media Type
–X.X
Output
Voltage Temperature
Range
XXX
Qualification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com