Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5233 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC5233
Description  High Input Voltage, Low IQ μCap LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5233 Datasheet(HTML) 4 Page - Microchip Technology

  MIC5233 Datasheet HTML 1Page - Microchip Technology MIC5233 Datasheet HTML 2Page - Microchip Technology MIC5233 Datasheet HTML 3Page - Microchip Technology MIC5233 Datasheet HTML 4Page - Microchip Technology MIC5233 Datasheet HTML 5Page - Microchip Technology MIC5233 Datasheet HTML 6Page - Microchip Technology MIC5233 Datasheet HTML 7Page - Microchip Technology MIC5233 Datasheet HTML 8Page - Microchip Technology MIC5233 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
MIC5233
DS20006033E-page 4
 2018-2022 Microchip Technology Inc. and its subsidiaries
Enable Input Current
IEN
–1.0
0.01
1.0
µA
VEN = 0.6V; regulator off
—
0.1
1.0
VEN = 2.0V; regulator on
—
0.5
2.5
VEN = 36V; regulator on
Start-up Time
tSTART
—
1.7
7
ms
VIN applied before EN signal
TEMPERATURE SPECIFICATIONS(1)
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Junction Operating Temperature Range
TJ
-40
—
+125
°C
—
Storage Temperature Range
TS
-65
—
+150
°C
—
Package Thermal Resistances
Thermal Resistance 5-Lead SOT23
JA
—
235
—
°C/W
—
Thermal Resistance 3-Lead SOT223
JA
—
50
—
°C/W
—
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.
2: Design guidance only, not production tested.
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: TJ = +25°C with VIN = VOUT + 1V; IOUT = 100 µA; Bold values indicate -40°C ≤ TJ ≤ +125°C,
unless otherwise specified. Specifications for packaged product only.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Note 1: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable
junction temperature and the thermal resistance from junction to air (i.e., TA, TJ, JA). Exceeding the
maximum allowable power dissipation will cause the device operating junction temperature to exceed the
maximum +125°C rating. Sustained junction temperatures above +125°C can impact the device reliability.
2: Design guidance only, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com