Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5233 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC5233
Description  High Input Voltage, Low IQ μCap LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5233 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC5233 Datasheet HTML 6Page - Microchip Technology MIC5233 Datasheet HTML 7Page - Microchip Technology MIC5233 Datasheet HTML 8Page - Microchip Technology MIC5233 Datasheet HTML 9Page - Microchip Technology MIC5233 Datasheet HTML 10Page - Microchip Technology MIC5233 Datasheet HTML 11Page - Microchip Technology MIC5233 Datasheet HTML 12Page - Microchip Technology MIC5233 Datasheet HTML 13Page - Microchip Technology MIC5233 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MIC5233
DS20006033E-page 10
 2018-2022 Microchip Technology Inc. and its subsidiaries
Total power dissipation is calculated using the following
equation:
EQUATION 4-4:
Due to the potential for input voltages up to 36V, ground
current must be taken into consideration.
If we know the maximum load current, we can solve for
the maximum input voltage using the maximum power
dissipation calculated for a +50°C ambient, 319 mW.
EQUATION 4-5:
Ground pin current is estimated using the typical
characteristics of the device.
EQUATION 4-6:
For higher current outputs, only a lower input voltage
will work for higher ambient temperatures.
Assuming a lower output current of 10 mA, the
maximum input voltage can be recalculated:
EQUATION 4-7:
Maximum input voltage for a 10 mA load current at
50°C ambient temperature is 34.55V, utilizing virtually
the entire operating voltage range of the device.
4.6
Adjustable Regulator Application
The MIC5233M5 can be adjusted from 1.24V to 20V by
using two external resistors (Figure 4-1). The resistors
set the output voltage based on the following equation:
EQUATION 4-8:
Feedback resistor R2 should be no larger than 300 kΩ.
FIGURE 4-1:
Adjustable Voltage
Application.
PD
VIN VOUT
–
I
OUT
VIN
+
IGND
=
PDMAX

VIN VOUT
–
I
OUT
VIN
+
IGND
=
319mW
VIN 3V
–
100mA V
IN
+2.8mA
=
619mW
VIN 102.8mA

=
Where:
VIN =6.02V
319mW
VIN 3V
–
10mA V
IN
+0.1mA
=
349mW
VIN 10.1mA
=
Where:
VIN = 34.55V
VOUT
VREF 1
R1
R2
-------


+


=
Where
VREF = 1.24V
OUT
ADJ
VIN
R1
R2
2.2 μF
1.0 μF
EN
IN
VOUT
GND
MIC5233YM5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com