Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5233 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC5233
Description  High Input Voltage, Low IQ μCap LDO Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC5233 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC5233 Datasheet HTML 4Page - Microchip Technology MIC5233 Datasheet HTML 5Page - Microchip Technology MIC5233 Datasheet HTML 6Page - Microchip Technology MIC5233 Datasheet HTML 7Page - Microchip Technology MIC5233 Datasheet HTML 8Page - Microchip Technology MIC5233 Datasheet HTML 9Page - Microchip Technology MIC5233 Datasheet HTML 10Page - Microchip Technology MIC5233 Datasheet HTML 11Page - Microchip Technology MIC5233 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
MIC5233
DS20006033E-page 8
 2018-2022 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
SOT223
Pin Number
SOT23
Pin
Name
Description
1
1
IN
Supply Input.
2
2
GND
Ground.
—
3
EN
Enable (Input). Logic Low = Shutdown; Logic High = Enable.
—
4
NC
No Connect.
ADJ
Adjustable (Input). Feedback Input; Connect to Resistive Voltage
Divider Network.
3
5
OUT
Regulator Output.
4
—
EP
Exposed Pad. Internally Connected to Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com