Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-HM57-RSCXX Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HM57-RSCXX
Description  Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM57-RSCXX Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HM57-RSCXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Intensity Bin Limit Table
Intensity (mcd) at 20 mA
Bin
Min
Max
K 
310 
400 
L 
400 
520 
M 
520 
680 
N 
680 
880 
P 
880 
1150 
Q 
1150 
1500 
R 
1500 
1900 
S 
1900 
2500 
T 
2500 
3200 
U 
3200 
4200 
V 
4200 
5500
Tolerance for each bin limit is ± 15%.
Blue Color Bin Table
Bin
Min. Dom
Max. Dom
Xmin
Ymin
Xmax
Ymax
1 
460.0 
464.0 
0.1440 
0.0297 
0.1766 
0.0966
0.1818 
0.0904 
0.1374 
0.0374
2 
464.0 
468.0 
0.1374 
0.0374 
0.1699 
0.1062
0.1766 
0.0966 
0.1291 
0.0495
3 
468.0 
472.0 
0.1291 
0.0495 
0.1616 
0.1209
0.1699 
0.1062 
0.1187 
0.0671
4 
472.0 
476.0 
0.1187 
0.0671 
0.1517 
0.1423
0.1616 
0.1209 
0.1063 
0.0945
5 
476.0 
480.0 
0.1063 
0.0945 
0.1397 
0.1728
0.1517 
0.1423 
0.0913 
0.1327
Tolerance for each bin limit is ± 0.5 nm.
Green Color Bin Table
Bin
Min. Dom
Max. Dom
Xmin
Ymin
Xmax
Ymax
1 
520.0 
524.0 
0.0743 
0.8338 
0.1856 
0.6556
0.1650 
0.6586 
0.1060 
0.8292
2 
524.0 
528.0 
0.1060 
0.8292 
0.2068 
0.6463
0.1856 
0.6556 
0.1387 
0.8148
3 
528.0 
532.0 
0.1387 
0.8148 
0.2273 
0.6344
0.2068 
0.6463 
0.1702 
0.7965
4 
532.0 
536.0 
0.1702 
0.7965 
0.2469 
0.6213
0.2273 
0.6344 
0.2003 
0.7764
5 
536.0 
540.0 
0.2003 
0.7764 
0.2659 
0.6070
0.2469 
0.6213 
0.2296 
0.7543
Tolerance for each bin limit is ± 0.5 nm.
Red Color Range
Min. Dom
Max. Dom
Xmin
Ymin
Xmax
Ymax
622 
634 
0.6904 
0.3094 
0.6945 
0.2888
0.6726 
0.3106 
0.7135 
0.2865
Tolerance for each bin limit is ± 0.5 nm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com