Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-HM57-RSCXX Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HM57-RSCXX
Description  Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM57-RSCXX Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HM57-RSCXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Packaging Label
(i)  Avago Mother Label: (Available on packaging box of ammo pack and shipping box)
(1P) Item: Part Number
(1T) Lot: Lot Number
LPN
(9D) MFG Date: Manufacturing Date
(P) Customer Item:
(V) Vendor ID
Made In: Country of Origin
(Q) QTY: Quantity
CAT: Intensity Bin
BIN: Refer to below information
REV:
DeptID:
STANDARD LABEL LS0002
RoHS Compliant
e1 max temp 250C
Packaging Box for Ammo Packs
Note: For InGaN device, the ammo pack packaging box contains ESD logo.
FROM LEFT SIDE OF BOX,
ADHESIVE TAPE MUST BE
FACING UPWARD.
AVAGO
TECHNOLOGIES
ANODE
MOTHER
LABEL
CATHODE
C
A
+
ANODE LEAD LEAVES
THE BOX FIRST.
LABEL ON
THIS SIDE
OF BOX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com