Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-HM57-RSCXX Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HM57-RSCXX
Description  Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM57-RSCXX Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-HM57-RSCXX Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Part Numbering System
H L M P - x x 5 x - x x x x x
Mechanical Option
 
00: Bulk
 
DD: Ammo Pack
 
ZZ: Flexi-Bin; Ammo Pack
Color Bin Option
 
0: Full Color Bin Distribution
 
C: Color Bin 3 & 4
Maximum Intensity Bin
 
Refer to Device Selection Guide
Minimum Intensity Bin
 
Refer to Device Selection Guide
Color
 
B: Blue 470 nm
 
D: Red 630 nm
 
M: Green 525 nm
Package
 
H: 5 mm Standard Oval
Note: Please refer to AB 5337 for complete information about part numbering system.
Absolute Maximum Rating at TA = 25oC
Parameters
Blue and Green
Red
Unit
DC Forward Current[1] 
30 
50 
mA 
Peak Pulsed Forward Current  
100[2] 
100 [3] 
mA 
Power Dissipation 
116 
120 
mW 
LED Junction Temperature 
130 
130 
°C 
Operating Temperature Range 
-40 to +85 
 -40 to 100 
°C 
Storage Temperature Range 
-40 to +100 
-40 to 120 
°C 
 
Notes:
1.  Derate linearly as shown in Figures 2 and 7.
2.  Duty factor 10%, frequency 1 KHz.
3.  Duty factor 30%, frequency 1 KHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com