Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-HM57-RSCXX Datasheet(PDF) 12 Page - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-HM57-RSCXX
Description  Precision Optical Performance Red, Green and Blue 5 mm Standard Oval LEDs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM57-RSCXX Datasheet(HTML) 12 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HM57-RSCXX Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM57-RSCXX Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
For product information and a complete list of distributors, please go to our website:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies Limited in the United States and other countries.
Data subject to change. Copyright © 2007 Avago Technologies Limited. All rights reserved. Obsoletes AV01-0305EN
AV02-0371EN - July 6, 2007
DISCLAIMER:AVAGO’SPRODUCTSANDSOFTWAREARENOTSPECIFICALLYDESIGNED,MANUFACTUREDORAUTHORIZEDFORSALE
ASPARTS,COMPONENTSORASSEMBLIESFORTHEPLANNING,CONSTRUCTION,MAINTENANCEORDIRECTOPERATIONOFANUCLEAR
FACILITYORFORUSEINMEDICALDEVICESORAPPLICATIONS. CUSTOMERISSOLELYRESPONSIBLE,ANDWAIVESALLRIGHTSTOMAKE
CLAIMS AGAINST AVAGO OR ITS SUPPLIERS, FOR ALL LOSS, DAMAGE, EXPENSE OR LIABILITY IN CONNECTION WITH SUCH USE.
Acronyms and Definition:
BIN: 
(i)  Color bin only or VF bin only
  (Applicable for part number with color bins but without 
VF bin OR part number with VF bins and no color bin)
OR         
(ii) Color bin incorporated with VF Bin
  (Applicable for part number that have both color bin 
and VF bin)
(ii) Avago Baby Label (Only available on bulk packaging)
Example:
(i)  Color bin only or VF bin only
  BIN: 2 (represent color bin 2 only)
  BIN: VB (represent VF bin “VB” only)
(ii) Color bin incorporate with VF Bin
  BIN: 2VB  
   
VB: VF bin “VB”
   
2:  Color bin 2 only
PART #: Part Number
LOT#: Lot Number
MFG DATE: Manufacturing Date
C/O: Country of Origin
Customer P/N:
Supplier Code:
QUANTITY: Packing Quantity
CAT: Intensity Bin
BIN: Refer to below information
DATECODE: Date Code
RoHS Compliant
e1 max temp 250C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com