Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM67X Datasheet(PDF) 35 Page - Texas Instruments

Part # AM67X
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67X Datasheet(HTML) 35 Page - Texas Instruments

Back Button AM67X Datasheet HTML 31Page - Texas Instruments AM67X Datasheet HTML 32Page - Texas Instruments AM67X Datasheet HTML 33Page - Texas Instruments AM67X Datasheet HTML 34Page - Texas Instruments AM67X Datasheet HTML 35Page - Texas Instruments AM67X Datasheet HTML 36Page - Texas Instruments AM67X Datasheet HTML 37Page - Texas Instruments AM67X Datasheet HTML 38Page - Texas Instruments AM67X Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 237 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
N27
OSPI0_D6
PADCONFIG
PADCONFIG9
0x000F4024
OSPI0_D6
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
SPI1_D0
1
IO
0
MCASP1_ACLKX
2
IO
0
UART6_RTSn
3
O
GPIO0_9
7
IO
pad
M27
OSPI0_D7
PADCONFIG
PADCONFIG10
0x000F4028
OSPI0_D7
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV1
Yes
LVCMOS
PU/PD
SPI1_D1
1
IO
0
MCASP1_AFSX
2
IO
0
UART6_CTSn
3
I
1
GPIO0_10
7
IO
pad
F25
PCIE0_CLKREQn
PADCONFIG
PADCONFIG171
0x000F42AC
PCIE0_CLKREQn
0
IOD
0
On / Low / NA
On / SS / NA
0
1.8 V/3.3 V
VDDSHV0
Yes
I2C OPEN
DRAIN
GPIO1_72
7
IOD
pad
A8
PMIC_LPM_EN0
PADCONFIG
MCU_PADCONFIG32
0x04084080
PMIC_LPM_EN0
0
O
Off / Off / Off
Off / SS / Off
0
1.8 V/3.3 V
VDDSHV_CANUART
Yes
LVCMOS
PU/PD
MCU_GPIO0_22
7
IO
pad
D27
PORz_OUT
PADCONFIG
PADCONFIG148
0x000F4250
PORz_OUT
0
O
Off / Low / Off
Off / SS / Off
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
E27
RESETSTATz
PADCONFIG
PADCONFIG147
0x000F424C
RESETSTATz
0
O
Off / Low / Off
Off / SS / Off
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
E26
RESET_REQz
PADCONFIG
PADCONFIG146
0x000F4248
RESET_REQz
0
I
On / Off / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
AE27
RGMII1_RXC
PADCONFIG
PADCONFIG82
0x000F4148
RGMII1_RXC
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII1_REF_CLK
1
I
0
GPIO0_80
7
IO
pad
AD23
RGMII1_RX_CTL
PADCONFIG
PADCONFIG81
0x000F4144
RGMII1_RX_CTL
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII1_RX_ER
1
I
0
GPIO0_79
7
IO
pad
AG26
RGMII1_TXC
PADCONFIG
PADCONFIG76
0x000F4130
RGMII1_TXC
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII1_CRS_DV
1
I
0
GPIO0_74
7
IO
pad
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com