Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM67X Datasheet(PDF) 22 Page - Texas Instruments

Part # AM67X
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67X Datasheet(HTML) 22 Page - Texas Instruments

Back Button AM67X Datasheet HTML 18Page - Texas Instruments AM67X Datasheet HTML 19Page - Texas Instruments AM67X Datasheet HTML 20Page - Texas Instruments AM67X Datasheet HTML 21Page - Texas Instruments AM67X Datasheet HTML 22Page - Texas Instruments AM67X Datasheet HTML 23Page - Texas Instruments AM67X Datasheet HTML 24Page - Texas Instruments AM67X Datasheet HTML 25Page - Texas Instruments AM67X Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 237 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
R27
GPMC0_CSn0
PADCONFIG
PADCONFIG42
0x000F40A8
GPMC0_CSn0
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
I2C4_SCL
1
IOD
1
MCASP2_AXR14
3
IO
0
TRC_DATA15
6
O
GPIO0_41
7
IO
pad
P21
GPMC0_CSn1
PADCONFIG
PADCONFIG43
0x000F40AC
GPMC0_CSn1
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
I2C4_SDA
1
IOD
1
MCASP2_AXR15
3
IO
0
TRC_DATA16
6
O
GPIO0_42
7
IO
pad
P22
GPMC0_CSn2
PADCONFIG
PADCONFIG44
0x000F40B0
GPMC0_CSn2
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
I2C2_SCL
1
IOD
1
MCASP1_AXR4
2
IO
0
UART4_RXD
3
I
1
MCAN1_TX
5
O
TRC_DATA17
6
O
GPIO0_43
7
IO
pad
MCASP1_AFSR
8
IO
0
P23
GPMC0_CSn3
PADCONFIG
PADCONFIG45
0x000F40B4
GPMC0_CSn3
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
I2C2_SDA
1
IOD
1
GPMC0_A20
2
OZ
UART4_TXD
3
O
MCASP1_AXR5
4
IO
0
MCAN1_RX
5
I
1
TRC_DATA18
6
O
GPIO0_44
7
IO
pad
MCASP1_ACLKR
8
IO
0
V21
GPMC0_WAIT0
PADCONFIG
PADCONFIG38
0x000F4098
GPMC0_WAIT0
0
I
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
MCASP1_AFSX
2
IO
0
TRC_DATA12
6
O
GPIO0_37
7
IO
pad
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com