Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM67X Datasheet(PDF) 60 Page - Texas Instruments

Part # AM67X
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67X Datasheet(HTML) 60 Page - Texas Instruments

Back Button AM67X Datasheet HTML 56Page - Texas Instruments AM67X Datasheet HTML 57Page - Texas Instruments AM67X Datasheet HTML 58Page - Texas Instruments AM67X Datasheet HTML 59Page - Texas Instruments AM67X Datasheet HTML 60Page - Texas Instruments AM67X Datasheet HTML 61Page - Texas Instruments AM67X Datasheet HTML 62Page - Texas Instruments AM67X Datasheet HTML 63Page - Texas Instruments AM67X Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 237 page
background image
Table 5-27. GPIO1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
GPIO1_42 (1)
IO
General Purpose Input/Output
H25
GPIO1_43 (1)
IO
General Purpose Input/Output
J23
GPIO1_44 (1)
IO
General Purpose Input/Output
H20
GPIO1_45 (1)
IO
General Purpose Input/Output
H23
GPIO1_46 (1)
IO
General Purpose Input/Output
H24
GPIO1_47 (1)
IO
General Purpose Input/Output
H22
GPIO1_48 (1)
I
General Purpose Input/Output
B24
GPIO1_49 (1)
I
General Purpose Input/Output
A24
GPIO1_50
IO
General Purpose Input/Output
E25
GPIO1_51
IO
General Purpose Input/Output
B27
GPIO1_52
IO
General Purpose Input/Output
AG24
GPIO1_53
IO
General Purpose Input/Output
AF23
GPIO1_54
IO
General Purpose Input/Output
AG23
GPIO1_55
IO
General Purpose Input/Output
AG22
GPIO1_56
IO
General Purpose Input/Output
AB21
GPIO1_57
IO
General Purpose Input/Output
AB20
GPIO1_58
IO
General Purpose Input/Output
AG21
GPIO1_59
IO
General Purpose Input/Output
AG20
GPIO1_60
IO
General Purpose Input/Output
AC21
GPIO1_61
IO
General Purpose Input/Output
AD21
GPIO1_62
IO
General Purpose Input/Output
AF18
GPIO1_63
IO
General Purpose Input/Output
AF19
GPIO1_64
IO
General Purpose Input/Output
AG18
GPIO1_65
IO
General Purpose Input/Output
AG17
GPIO1_66
IO
General Purpose Input/Output
AA20
GPIO1_67
IO
General Purpose Input/Output
AB19
GPIO1_68
IO
General Purpose Input/Output
AE20
GPIO1_69
IO
General Purpose Input/Output
AF21
GPIO1_70
IO
General Purpose Input/Output
AE19
GPIO1_71
IO
General Purpose Input/Output
AD20
GPIO1_72
IOD
General Purpose Input/Output
F25
(1)
This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device
Configuration chapter.
5.3.11.2 MCU Domain
Table 5-28. MCU_GPIO0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
MCU_GPIO0_0 (1)
IO
General Purpose Input/Output
C12
MCU_GPIO0_1 (1)
IO
General Purpose Input/Output
A10
MCU_GPIO0_2
IO
General Purpose Input/Output
A9
MCU_GPIO0_3
IO
General Purpose Input/Output
B12
MCU_GPIO0_4
IO
General Purpose Input/Output
C11
MCU_GPIO0_5
IO
General Purpose Input/Output
B8
MCU_GPIO0_6
IO
General Purpose Input/Output
B4
MCU_GPIO0_7 (1)
IO
General Purpose Input/Output
B5
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
60
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com