Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM67X Datasheet(PDF) 54 Page - Texas Instruments

Part # AM67X
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67X Datasheet(HTML) 54 Page - Texas Instruments

Back Button AM67X Datasheet HTML 50Page - Texas Instruments AM67X Datasheet HTML 51Page - Texas Instruments AM67X Datasheet HTML 52Page - Texas Instruments AM67X Datasheet HTML 53Page - Texas Instruments AM67X Datasheet HTML 54Page - Texas Instruments AM67X Datasheet HTML 55Page - Texas Instruments AM67X Datasheet HTML 56Page - Texas Instruments AM67X Datasheet HTML 57Page - Texas Instruments AM67X Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 237 page
background image
Table 5-13. DSS0 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
VOUT0_DATA4
O
Video Output Data 4
W22
VOUT0_DATA5
O
Video Output Data 5
W21
VOUT0_DATA6
O
Video Output Data 6
Y26
VOUT0_DATA7
O
Video Output Data 7
Y27
VOUT0_DATA8
O
Video Output Data 8
AA24
VOUT0_DATA9
O
Video Output Data 9
AA27
VOUT0_DATA10
O
Video Output Data 10
AA25
VOUT0_DATA11
O
Video Output Data 11
AB25
VOUT0_DATA12
O
Video Output Data 12
AA23
VOUT0_DATA13
O
Video Output Data 13
AA22
VOUT0_DATA14
O
Video Output Data 14
AB26
VOUT0_DATA15
O
Video Output Data 15
AB27
VOUT0_DATA16
O
Video Output Data 16
U27
VOUT0_DATA17
O
Video Output Data 17
U26
VOUT0_DATA18
O
Video Output Data 18
V27
VOUT0_DATA19
O
Video Output Data 19
V25
VOUT0_DATA20
O
Video Output Data 20
V26
VOUT0_DATA21
O
Video Output Data 21
V24
VOUT0_DATA22
O
Video Output Data 22
V22
VOUT0_DATA23
O
Video Output Data 23
V23
5.3.7 ECAP
5.3.7.1 MAIN Domain
Table 5-14. ECAP0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
ECAP0_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary PWM
(APWM) Ouput
A23, C20
Table 5-15. ECAP1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
ECAP1_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary PWM
(APWM) Ouput
A25, B25, D23, F19,
H20
Table 5-16. ECAP2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
ECAP2_IN_APWM_OUT
IO
Enhanced Capture (ECAP) Input or Auxiliary PWM
(APWM) Ouput
A26, B22, D25, F20,
H23
5.3.8 Emulation and Debug
5.3.8.1 MAIN Domain
Table 5-17. Trace Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
TRC_CLK
O
Trace Clock
R22
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
54
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com