Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM67 Datasheet(PDF) 7 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM67 Datasheet HTML 3Page - Texas Instruments AM67 Datasheet HTML 4Page - Texas Instruments AM67 Datasheet HTML 5Page - Texas Instruments AM67 Datasheet HTML 6Page - Texas Instruments AM67 Datasheet HTML 7Page - Texas Instruments AM67 Datasheet HTML 8Page - Texas Instruments AM67 Datasheet HTML 9Page - Texas Instruments AM67 Datasheet HTML 10Page - Texas Instruments AM67 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 237 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 3
3 Description.......................................................................3
3.1 Functional Block Diagram........................................... 5
4 Device Comparison......................................................... 7
5 Terminal Configuration and Functions..........................9
5.1 Pin Diagrams.............................................................. 9
5.2 Pin Attributes.............................................................10
5.3 Signal Descriptions................................................... 48
5.4 Pin Connectivity Requirements.................................79
6 Specifications................................................................ 82
6.1 Absolute Maximum Ratings...................................... 82
6.2 ESD Ratings for Devices which are not AEC -
Q100 Qualified............................................................ 84
6.3 Power-On Hours (POH)............................................ 84
6.4 Recommended Operating Conditions.......................85
6.5 Operating Performance Points..................................87
6.6 Electrical Characteristics...........................................88
6.7 VPP Specifications for One-Time Programmable
(OTP) eFuses..............................................................93
6.8 Thermal Resistance Characteristics......................... 94
6.9 Timing and Switching Characteristics....................... 95
7 Detailed Description....................................................215
7.1 Overview................................................................. 215
8 Applications, Implementation, and Layout............... 216
8.1 Device Connection and Layout Fundamentals....... 216
8.2 Peripheral- and Interface-Specific Design
Information................................................................ 217
8.3 Clock Routing Guidelines........................................224
9 Device and Documentation Support..........................225
9.1 Device Nomenclature..............................................225
9.2 Tools and Software................................................. 228
9.3 Documentation Support.......................................... 228
9.4 Support Resources................................................. 228
9.5 Trademarks.............................................................228
9.6 Electrostatic Discharge Caution..............................229
9.7 Glossary..................................................................229
10 Revision History........................................................ 229
11 Mechanical, Packaging, and Orderable
Information.................................................................. 231
11.1 Packaging Information.......................................... 231
4 Device Comparison
Table 4-1 shows a comparison between devices, highlighting the differences.
Note
Availability of features listed in this table are a function of shared IO pins, where IO signals associated
with many of the features are multiplexed to a limited number of pins. The SysConfig tool should
be used to assign signal functions to pins. This will provide a better understanding of limitations
associated with pin multiplexing.
Note
To understand what device features are currently supported by TI Software Development Kits (SDKs),
see the PROCESSOR-SDK-AM67 Software Build Sheet and PROCESSOR-SDK-AM67A Software
Build Sheet.
Table 4-1. Device Comparison
FEATURES(1)
REFERENCE
NAME
AM67A94
AM67A74
AM6754
AM6734
PROCESSORS AND ACCELERATORS
Speed Grades (See Device Speed Grades)
J, K
Arm Cortex-A53
Microprocessor Subsystem
Arm A53
Quad Core
Arm Cortex-R5F in MCU domain
MCU_R5F
Single Core
Arm Cortex-R5F in MAIN domain
R5FSS0
Single Core
Device Management Subsystem
WKUP_R5F
Single Core
Hardware Security Module
HSM
Yes
Crypto Accelerators
Security
Yes
C7x Floating Point, Vector DSP
C7x256V DSP
Dual Core(6)
No
Deep Learning Accelerator
MMA
Dual Core(6)
No
Graphics Processing Unit
GPU
Yes
No
Yes
No
Video Encoder / Decoder
VENC/VDEC
Yes
No
Motion JPEG Encoder
JPEG
Yes
No
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com