Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM67 Datasheet(PDF) 73 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 73 Page - Texas Instruments

Back Button AM67 Datasheet HTML 69Page - Texas Instruments AM67 Datasheet HTML 70Page - Texas Instruments AM67 Datasheet HTML 71Page - Texas Instruments AM67 Datasheet HTML 72Page - Texas Instruments AM67 Datasheet HTML 73Page - Texas Instruments AM67 Datasheet HTML 74Page - Texas Instruments AM67 Datasheet HTML 75Page - Texas Instruments AM67 Datasheet HTML 76Page - Texas Instruments AM67 Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 237 page
background image
Table 5-58. Reserved Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
RSVD8
N/A
Reserved, must be left unconnected
AA15
RSVD9
N/A
Reserved, must be left unconnected
AA14
RSVD10
N/A
Reserved, must be left unconnected
L5
RSVD11
N/A
Reserved, must be left unconnected
M6
RSVD12
N/A
Reserved, must be left unconnected
AB16
RSVD13
N/A
Reserved, must be left unconnected
AB18
RSVD14
N/A
Reserved, must be left unconnected
C6
RSVD15
N/A
Reserved, must be left unconnected
F8
RSVD16
N/A
Reserved, must be left unconnected
B6
RSVD17
N/A
Reserved, must be left unconnected
C17
RSVD18
N/A
Reserved, must be left unconnected
D16
RSVD19
N/A
Reserved, must be left unconnected
D14
RSVD20
N/A
Reserved, must be left unconnected
D13
RSVD21
N/A
Reserved, must be left unconnected
M2
5.3.23 SERDES
5.3.23.1 MAIN Domain
Table 5-59. PCIE0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
PCIE0_CLKREQn
IOD
PCIE Clock Request Signal
F25
Table 5-60. SERDES0 Signal Descriptions
SIGNAL NAME [1] ((2))
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
SERDES0_REXT (1)
A
SERDES PHY External Calibration Resistor
E15
SERDES0_REFCLK0N
IO
SERDES PHY Reference Clock Input/Output (negative)
A17
SERDES0_REFCLK0P
IO
SERDES PHY Reference Clock Input/Output (positive)
A16
SERDES0_RX0_N
I
SERDES PHY Differential Receive Data (negative)
A20
SERDES0_RX0_P
I
SERDES PHY Differential Receive Data (positive)
A19
SERDES0_TX0_N
O
SERDES PHY Differential Transmit Data (negative)
B19
SERDES0_TX0_P
O
SERDES PHY Differential Transmit Data (positive)
B18
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
The functionality of these pins is controlled by SERDES0_LN0_CTRL.
Table 5-61. SERDES1 Signal Descriptions
SIGNAL NAME [1] ((2))
PIN TYPE
[2]
DESCRIPTION [3]
AMW PIN [4]
SERDES1_REXT (1)
A
SERDES PHY External Calibration Resistor
F14
SERDES1_REFCLK0N
IO
SERDES PHY Reference Clock Input/Output (negative)
B15
SERDES1_REFCLK0P
IO
SERDES PHY Reference Clock Input/Output (positive)
B16
SERDES1_RX0_N
I
SERDES PHY Differential Receive Data (negative)
C14
SERDES1_RX0_P
I
SERDES PHY Differential Receive Data (positive)
C15
SERDES1_TX0_N
O
SERDES PHY Differential Transmit Data (negative)
A13
SERDES1_TX0_P
O
SERDES PHY Differential Transmit Data (positive)
A14
(1)
An external 3.01 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com