Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM67 Datasheet(PDF) 17 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AM67 Datasheet HTML 13Page - Texas Instruments AM67 Datasheet HTML 14Page - Texas Instruments AM67 Datasheet HTML 15Page - Texas Instruments AM67 Datasheet HTML 16Page - Texas Instruments AM67 Datasheet HTML 17Page - Texas Instruments AM67 Datasheet HTML 18Page - Texas Instruments AM67 Datasheet HTML 19Page - Texas Instruments AM67 Datasheet HTML 20Page - Texas Instruments AM67 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 237 page
background image
Table 5-1. Pin Attributes (AMW Package) (continued)
BALL
NUMBER [1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE
[4]
TYPE
[5]
DSIS
[6]
BALL STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
W1
DDR0_DQS3
DDR0_DQS3
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
Y1
DDR0_DQS3_n
DDR0_DQS3_n
IO
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
U6
DDR0_RESET0_n
DDR0_RESET0_n
O
1.1 V/1.2 V
VDDS_DDR,
VDDS_DDR_C
DDR
AE16
DSI0_TXCLKN
DSI0_TXCLKN
IO
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AE17
DSI0_TXCLKP
DSI0_TXCLKP
IO
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AA16
DSI0_TXRCALIB
DSI0_TXRCALIB
A
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AD17
DSI0_TXN0
DSI0_TXN0
IO
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AF15
DSI0_TXN1
DSI0_TXN1
IO
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AG14
DSI0_TXN2
DSI0_TXN2
IO
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AC18
DSI0_TXN3
DSI0_TXN3
IO
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AD18
DSI0_TXP0
DSI0_TXP0
IO
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AF16
DSI0_TXP1
DSI0_TXP1
IO
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AG15
DSI0_TXP2
DSI0_TXP2
IO
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
AC19
DSI0_TXP3
DSI0_TXP3
IO
1.8 V
VDDA_1P8_CSI_DSI
D-PHY
C9
EMU0
PADCONFIG
MCU_PADCONFIG30
0x04084078
EMU0
0
IO
0
On / Off / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
F9
EMU1
PADCONFIG
MCU_PADCONFIG31
0x0408407C
EMU1
0
IO
0
On / Off / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
B23
EXTINTn
PADCONFIG
PADCONFIG125
0x000F41F4
EXTINTn
0
I
1
Off / Off / NA
Off / Off / NA
7
1.8 V/3.3 V
VDDSHV0
Yes
I2C OPEN
DRAIN
GPIO1_31
7
IOD
pad
A23
EXT_REFCLK1
PADCONFIG
PADCONFIG124
0x000F41F0
EXT_REFCLK1
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
SYNC1_OUT
1
O
SPI2_CS3
2
IO
1
SYSCLKOUT0
3
O
TIMER_IO4
4
IO
0
CLKOUT0
5
O
CP_GEMAC_CPTS0_RFT_CLK
6
I
0
GPIO1_30
7
IO
pad
ECAP0_IN_APWM_OUT
8
IO
0
www.ti.com
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com