Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM67 Datasheet(PDF) 8 Page - Texas Instruments

Part # AM67
Description  AM67x Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM67 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM67 Datasheet HTML 4Page - Texas Instruments AM67 Datasheet HTML 5Page - Texas Instruments AM67 Datasheet HTML 6Page - Texas Instruments AM67 Datasheet HTML 7Page - Texas Instruments AM67 Datasheet HTML 8Page - Texas Instruments AM67 Datasheet HTML 9Page - Texas Instruments AM67 Datasheet HTML 10Page - Texas Instruments AM67 Datasheet HTML 11Page - Texas Instruments AM67 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 237 page
background image
Table 4-1. Device Comparison (continued)
FEATURES(1)
REFERENCE
NAME
AM67A94
AM67A74
AM6754
AM6734
Depth and Motion Processing Accelerators
DMPAC
Yes
No
Vision Processing Accelerators
VPAC3L
Yes
No
SAFETY AND SECURITY
Safety Targeted
Safety
Optional(2)
Device Security
Security
Optional(3)
AEC-Q100 Qualified
Q1
No
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM) in MAIN Domain
OCSRAM
256KB
On-Chip Shared Memory (RAM) in MCU Domain
MCU_MSRAM
512KB
LPDDR4 DDR Subsystem
DDRSS
32-bit data with inline ECC up to 8GB
General-Purpose Memory Controller
GPMC
Up to 128MB with ECC
PERIPHERALS
Display Subsystem
DSS7UL
1x DPI
1x LVDS
1x DSI
Modular Controller Area Network Interface
MCAN
4
Full CAN-FD Support
CAN-FD
Yes
General-Purpose I/O
GPIO
Up to 147
Inter-Integrated Circuit Interface
I2C
7
Multichannel Audio Serial Port
MCASP
5
Multichannel Serial Peripheral Interface
MCSPI
5
Multi-Media Card/Secure Digital Interface
MMC/SD
1x eMMC (8-bits)
2x SD/SDIO (4-bits)
Flash Subsystem (FSS)(4)
OSPI0/QSPI0
Yes(4)
Gigabit Ethernet Interface
CPSW3G(5)
2 Ports (RGMII/RMII/SGMII(5))
General-Purpose Timers
TIMER
14 (4 in MCU and 2 in WKUP)
Enhanced Pulse-Width Modulator Module
EPWM
3
Enhanced Capture Module
ECAP
3
Enhanced Quadrature Encoder Pulse Module
EQEP
3
Universal Asynchronous Receiver and Transmitter
UART
9
PCI Express Gen3 Port with Integrated PHY
PCIe(5)
Single Lane
CSI2-RX Controller with DPHY
CSI-RX
4x4L
CSI2-TX Controller
CSI-TX
1x4L
USB2.0 Controller with PHY
USB 2.0
1
USB3.0 Controller with PHY
USB 3.1 Gen 1(5)
1
(1)
J722S is the base part number for the superset device. Software should constrain the features used to match the intended production
device.
(2)
Safety features including SIL/ASIL ratings are only applicable to select part number variants as indicated by the Device Type (Y)
identifier in the Device Naming Convention table.
(3)
Device security features including Secure Boot and Customer Programmable Keys are applicable to select part number variants as
indicated by the Device Type (Y) identifier in the Table 10-1, Nomenclature Description table
(4)
One flash interface, configured as OSPI0 or QSPI0.
(5)
PCIe, USB3.0 and SGMII share a total of 2 SERDES ports.
(6)
On the AM67A SoC, the Deep Learning Accelerator C7x + MMA are reserved for executing TI provided code, and are not available for
custom code.
AM67, AM67A
SPRSPA3A – MARCH 2024 – REVISED SEPTEMBER 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM67 AM67A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com