Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3421 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3421
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3421 Datasheet(HTML) 4 Page - Analog Devices

  LTC3421 Datasheet HTML 1Page - Analog Devices LTC3421 Datasheet HTML 2Page - Analog Devices LTC3421 Datasheet HTML 3Page - Analog Devices LTC3421 Datasheet HTML 4Page - Analog Devices LTC3421 Datasheet HTML 5Page - Analog Devices LTC3421 Datasheet HTML 6Page - Analog Devices LTC3421 Datasheet HTML 7Page - Analog Devices LTC3421 Datasheet HTML 8Page - Analog Devices LTC3421 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
4 of 29
SPECIFICATIONS
Table 1. Electrical Characteristics
(Specifications are for TA = 25°C, VIN = 3.6V, VEN/UVLO = 1.5V unless otherwise noted1.)
PARAMETER
SYMBOL
CONDITIONS/COMMENTS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
Range
VIN
–40°C ≤ TJ ≤ 125°C
2.5
5.5
V
VIN Undervoltage
Lockout Threshold
VIN_UVLO_R
Rising
2.36
2.5
V
VIN_UVLO_F
Falling
2.1
2.3
VIN Quiescent Current in
Shutdown
IQ-SD
VEN/UVLO ≤ 0.3V
0.5
3
μA
–40°C ≤ TJ ≤
125°C
0.5
10
VIN Quiescent Current
IQ
SYNC/MODE = 0V, Not Switching
15
30
μA
SYNC/MODE = Open, FB = 1.5V, RT =
54.9kΩ
11.2
15
mA
VOUT Operating Voltage
VOUT
–40°C ≤ TJ ≤ 125°C
8
V
VOUT Quiescent Current
IQ-OUT
SYNC/MODE = 0V, VOUT = 5.5V, Not
Switching
1
2
μA
SYNC/MODE = Open, VOUT = 2.5V, FB
= 1.5V, RT = 54.9kΩ
7.6
12
mA
VOUT Over Voltage
Protection Threshold
VOUT_OV_R
Rising
8.12
9
9.8
V
VOUT_OV_HYS
Hysteresis
0.1
FB Regulation Voltage3
VFB_REG
VC=1.25V
–40°C ≤ TJ ≤
125°C
0.985
1.00
1.015
V
FB Line Regulation3
2.5V < VIN < 5.5V
0.2
0.35
%/V
FB Pin Input Current
IFB
FB = 1.0V
-20
20
nA
Error Amp
Transconductance3
gm
VC = 1.25V
0.4
mS
Error Amp Gain3
Gv
400
V/V
VC Source Current
IVC
FB = 0.8V, VC = 1.25V
-80
μA
VC Sink Current
IVC
FB = 1.2V, VC = 1.25V
73
μA
VC to Switch Current
Gain, per phase, no
shedding
6.0
A/V
Switching Frequency
fSW
RT = 464kΩ
0.25
0.3
0.36
MHz
RT = 127kΩ
0.82
1
1.2
RT = 54.9kΩ
1.83
2
2.2
RT = 18.7kΩ
3.6
4
4.67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com