Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3421 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3421
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3421 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3421 Datasheet HTML 7Page - Analog Devices LTC3421 Datasheet HTML 8Page - Analog Devices LTC3421 Datasheet HTML 9Page - Analog Devices LTC3421 Datasheet HTML 10Page - Analog Devices LTC3421 Datasheet HTML 11Page - Analog Devices LTC3421 Datasheet HTML 12Page - Analog Devices LTC3421 Datasheet HTML 13Page - Analog Devices LTC3421 Datasheet HTML 14Page - Analog Devices LTC3421 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
11 of 29
Figure 16.Switching Waveforms, Zero Load 1-Phase Burst
Mode Operation (Reference to Page 26 Circuit)
Figure 17. Switching Waveforms, Zero Load 1-Phase FCM
Operation (Reference to Page 26 Circuit)
Figure 18. Switching Waveforms, Heavy Load 2-Phase
Operation with SYNC (Reference to Page 26
Circuit)
Figure 19. Switching Waveforms, Light Load 1-Phase
Operation with SYNC (Reference to Page 26
Circuit)
Figure 20. Transient Response Burst Mode Operation
(Reference to Page 26 Circuit)
Figure 21. Transient Response FCM Mode Operation
(Reference to Page 26 Circuit)
VIN = 3.7V
ILOAD = 0mA
20ms/DIV
IL1
1A/DIV
VSW1
2V/DIV
VIN = 3.7V
ILOAD = 0mA
200ns/DIV
IL1
1A/DIV
VSW1
5V/DIV
VIN = 3.7V
ILOAD = 4A
200ns/DIV
VSW1
5V/DIV
SYNC
2V/DIV
VSW2
5V/DIV
VIN = 3.7V
ILOAD = 0.1A
200ns/DIV
VSW1
5V/DIV
SYNC
2V/DIV
VSW2
5V/DIV
VIN = 3.7V
200µs/DIV
VOUT
200mV/DIV
IOUT
2A/DIV
IL1
5A/DIV
IL2
5A/DIV
VIN = 3.7V
200µs/DIV
VOUT
200mV/DIV
IOUT
2A/DIV
IL1
5A/DIV
IL2
5A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com