Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3421 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3421
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3421 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3421 Datasheet HTML 17Page - Analog Devices LTC3421 Datasheet HTML 18Page - Analog Devices LTC3421 Datasheet HTML 19Page - Analog Devices LTC3421 Datasheet HTML 20Page - Analog Devices LTC3421 Datasheet HTML 21Page - Analog Devices LTC3421 Datasheet HTML 22Page - Analog Devices LTC3421 Datasheet HTML 23Page - Analog Devices LTC3421 Datasheet HTML 24Page - Analog Devices LTC3421 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
21 of 29
Figure 30. A Simplified LT8349 Power Stage with a Diode Added Between VIN and VOUT
Inductor Selection
When operating in continuous conduction mode (CCM), the duty cycle can be calculated based on the output
voltage (VOUT) and the input voltage (VIN). The maximum duty cycle (DMAX)occurs when the converter has the
minimum input voltage:
DMAX =
VOUT − VIN(MIN)
VOUT
Discontinuous conduction mode (DCM) provides higher conversion ratios at a given frequency at the cost of reduced
efficiencies and higher switching currents.
The ripple current ΔISW of each inductor has a direct effect on the choice of the inductor value, the converter’s
maximum output current capability, and the light load efficiency in Burst Mode operation. Choosing smaller values
of ΔISW increases output current capability and improves light load efficiency in Burst Mode operation, but require
large inductance values and reduce the current loop gain. Accepting larger values of ΔISW provides fast transient
response and allows the use of low inductance values, but results in higher input current ripple, greater core losses,
lower light load efficiency in Burst Mode operation, and lower output current capability. Large values of ΔISW at high
duty cycle operation may result in sub-harmonic oscillation. ΔISW= 1.2A to 2A generally provides a good starting value
for many applications, and careful evaluation of system stability should be made to ensure adequate design margin.
Given an operating input voltage range, and having chosen the operating frequency and ripple current in each of the
inductors, each inductor value of the boost converter can be determined using the following Equation:
L1 = L2 =
VIN(MIN)
∆ISW • fSW
• DMAX
The peak current of each inductor is equal to the LT8349 bottom switch current limit as given in the Electrical
Characteristics table. The user should choose an inductor with sufficient saturation and RMS current ratings to
handle the inductor’s peak current.
Input Capacitor Selection
The input ripple current in a boost converter is relatively low (compared with the output ripple current), because this
current is continuous. The value of CIN is a function of the source impedance, and in general, the higher the source
impedance, the higher the required input capacitance. The RMS CIN ripple current can be estimated by the following
equation:
IRMS(CIN) = 0.3 • ∆IL
D
L1
L2
COUT
CIN
VOUT
VIN
SW1
SW2
VIN
VOUT
GND
LT8349



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com