Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3421 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC3421
Description  8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3421 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC3421 Datasheet HTML 20Page - Analog Devices LTC3421 Datasheet HTML 21Page - Analog Devices LTC3421 Datasheet HTML 22Page - Analog Devices LTC3421 Datasheet HTML 23Page - Analog Devices LTC3421 Datasheet HTML 24Page - Analog Devices LTC3421 Datasheet HTML 25Page - Analog Devices LTC3421 Datasheet HTML 26Page - Analog Devices LTC3421 Datasheet HTML 27Page - Analog Devices LTC3421 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Data Sheet
LT8349
analog.com
Rev B
24 of 29
The output capacitors, along with the inductors and input capacitors, should be placed on the same side of the
circuit board, and their connections should be made on that layer. It is recommended to make the layout identical
between the two channels to improve the current sharing (refer to Figure 32).
Place a local, unbroken power ground plane under the application circuit on the layer closest to the surface layer.
The SW1, SW2, BST1 and BST2 nodes should be as small as possible. Keep the FB and RT nodes small so that the
ground traces will shield them from the noise generated by the SW1, SW2, BST1 and BST2 nodes.
To keep the thermal resistance low, extend the ground plane as much as possible, and add many thermal vias to
additional power ground planes within the circuit board.
Thermal Considerations
Care should be taken in the layout of the PCB to ensure good heat sinking of the LT8349. The power ground plane
should consist of large copper layers with thermal vias; these layers spread heat dissipated by the IC. Placing
additional vias can reduce thermal resistance further. The maximum load current should be derated as the junction
temperature approaches its maximum temperature rating. Power dissipation within the IC can be estimated by
calculating the total power loss from an efficiency measurement and subtracting the inductor loss. The junction
temperature can be calculated by multiplying the total IC power dissipation by the thermal resistance from junction
to ambient and adding the ambient temperature. The LT8349 includes internal overtemperature protection that is
intended to protect the device during momentary overload conditions. The overtemperature protection shuts down
the IC when the junction temperature exceeds 170°C (typ). The internal soft start is triggered when the junction
temperature drops below 165°C (typ). The maximum rated junction temperature is exceeded when this protection is
active. Continuous operation above the specified absolute maximum operating junction temperature (see Absolute
Maximum Ratings section) may impair device reliability or permanently damage the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com